Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 20Page - NXP Semiconductors FS6408 Datasheet HTML 21Page - NXP Semiconductors FS6408 Datasheet HTML 22Page - NXP Semiconductors FS6408 Datasheet HTML 23Page - NXP Semiconductors FS6408 Datasheet HTML 24Page - NXP Semiconductors FS6408 Datasheet HTML 25Page - NXP Semiconductors FS6408 Datasheet HTML 26Page - NXP Semiconductors FS6408 Datasheet HTML 27Page - NXP Semiconductors FS6408 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
24
NXP Semiconductors
FS6407/FS6408
5.9
CAN_5V voltage regulator
The CAN_5V voltage regulator is a linear regulator dedicated to the internal HSCAN interface. An external capacitor is required. Current
limitation, overvoltage, and undervoltage detectors are provided. If the internal CAN transceiver is not used, the CAN_5V regulator can
supply an external load (CAN_5V voltage regulator). CAN_5V is enabled by default.
5.10
Interrupt (INTB)
The INTB output pin generates a low pulse when an Interrupt condition occurs. The INTB behavior as well as the pulse duration are set
through the SPI during INIT phase. INTB has an internal pull-up resistor connected to VDDIO.
5.11
CANH, CANL, TXD, RXD
These are the pins of the high speed CAN physical interface. The CAN transceivers provides the physical interface between the CAN
protocol controller of an MCU and the physical dual wires CAN bus. The CAN interface is connected to the MCU via the RXD and TXD
pins.
5.11.1 TXD
TXD is the device input pin to control the CAN bus level. TXD is a digital input with an internal pull-up resistor connected to VDDIO. In the
application, this pin is connected to the microcontroller transmit pin.
In Normal mode, when TXD is high or floating, the CANH and CANL drivers are OFF, setting the bus in a recessive state. When TXD is
low, the CANH and CANL drivers are activated and the bus is set to a dominant state. TXD has a built-in timing protection that disables
the bus when TXD is dominant for more than TDOUT. In LPOFF mode, VDDIO is OFF, pulling down this pin to GND.
5.11.2 RXD
RXD is the bus output level report pin. In the application, this pin is connected to the microcontroller receive pin. In Normal mode, RXD is
a push-pull structure. When the bus is in a recessive state, RXD is high. When the bus is dominant, RXD is low. In LPOFF mode, this pin
is in high-impedance state.
5.11.3 CANH and CANL
These are the CAN bus pins. CANL is a low-side driver to GND, and CANH is a high-side driver to CAN_5V. In Normal mode and TXD
high, the CANH and CANL drivers are OFF, and the voltage at CANH and CANL is approximately 2.5 V, provided by the internal bus
biasing circuitry. When TXD is low, CANL is pulled to GND and CANH to CAN_5V, creating a differential voltage on the CAN bus.
In LPOFF mode, the CANH and CANL drivers are OFF, and these pins are pulled down to GND via the device RIN_CHCL resistors. CANH
and CANL have integrated ESD protection and extremely high robustness versus external disturbance, such as EMC and electrical
transients. These pins have current limitation and thermal protection.
5.12
Multiplexer output MUX_OUT
The MUX_OUT pin (Figure 7) delivers analog voltage to the MCU ADC input. The voltage to be delivered to MUX_OUT is selected via
the SPI, from one of the following parameters:
• Internal 2.5 V reference
• Die temperature sensor T(°C) = (VAMUX - VAMUX_TP) / VAMUX_TP_CO + 165
Voltage range at MUX_OUT is from GND to VDDIO (3.3 V or 5.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com