Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 33Page - NXP Semiconductors FS6408 Datasheet HTML 34Page - NXP Semiconductors FS6408 Datasheet HTML 35Page - NXP Semiconductors FS6408 Datasheet HTML 36Page - NXP Semiconductors FS6408 Datasheet HTML 37Page - NXP Semiconductors FS6408 Datasheet HTML 38Page - NXP Semiconductors FS6408 Datasheet HTML 39Page - NXP Semiconductors FS6408 Datasheet HTML 40Page - NXP Semiconductors FS6408 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
NXP Semiconductors
37
FS6407/FS6408
6.5.3
Reset error counter
The reset error counter manages the reset events and counts the number of resets occurring in the application. This counter is
incremented not only for the reset linked to consecutive wrong refresh watchdogs, but also for other sources of reset (undervoltage,
overvoltage, external reset). The RST error counter is incremented by 1, each time a reset is generated.
The reset error counter has two output values (intermediate and final). The intermediate output value is used to handle the transition from
reset (RSTB is asserted low) to reset and fail where RSTB and FS0B are activated. The final value is used to handle the transition from
reset and fail to deep reset and fail (Deep Fail-safe mode), where regulators are off, RSTB and FS0B are activated, and a power on reset
or a transition on IO_0 is needed to recover. The intermediate value of the reset error counter is configurable to “1” or “3” using the
RSTB_err_FS bit in the INIT FSSM2 register (Table 70).
If RSTB_err_FS is set to “0”, it means the device activates FS0B when the reset error counter reaches level “3”.
If RSTB_err_FS is set to “1”, it means the device activates FS0B when the reset error counter reaches level “1”.
This configuration must be done during INIT FS phase.
The final value of the reset error counter is based on the intermediate configuration.
• RSTB_err_FS = 0 / Intermediate = 3; Final = 6 (Figure 16). When reset error counter reaches 6, the device goes into deep reset and
fails.
• RSTB_err_FS = 1 / Intermediate = 1; Final = 2 (Figure 17). When reset error counter reaches 2, the device goes into deep reset and
fails.
In any condition, if the RSTB is asserted LOW for a duration longer than eight seconds, the device goes into deep reset and fails.
Conditions leading to an increment of the RSTB error counter, and according to the product configuration are:
• Watchdog error counter = 6
• Watchdog refresh NOK during INIT phase or Watchdog timeout
• IO_23 error detection (FCCU)
• Undervoltage
• Overvoltage
• IO_1 FB_Core Delta
• FS0B shorted to VDD
•SPI DED
• Reset request by the SPI
• External reset
Conditions leading to a transition go to FS, according to the product configuration are:
• IO_01/IO_23/IO_45 error detection
• Undervoltage
• Overvoltage
• IO_1 FB_Core Delta
• Analog BIST fail
•SPI DED
• RSTB shorted to high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com