Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 21Page - NXP Semiconductors FS6408 Datasheet HTML 22Page - NXP Semiconductors FS6408 Datasheet HTML 23Page - NXP Semiconductors FS6408 Datasheet HTML 24Page - NXP Semiconductors FS6408 Datasheet HTML 25Page - NXP Semiconductors FS6408 Datasheet HTML 26Page - NXP Semiconductors FS6408 Datasheet HTML 27Page - NXP Semiconductors FS6408 Datasheet HTML 28Page - NXP Semiconductors FS6408 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
NXP Semiconductors
25
FS6407/FS6408
Figure 7. Simplified analog multiplexer block diagram
5.13
I/O pins (I/O_0:I/O_5)
The FS6407/FS6408 includes six multi-purpose I/Os (I/O_0 to I/O_5). I/O_0, I/O_1, I/O_4, and I/O_5 are robust against ISO7637 pulses.
An external serial resistor must be connected to those pins to limit the current during ISO pulses.
• IO_0:1 are selectable as follows:
Analog input (load dump proof) sent to the MCU through the MUX_OUT pin. Wake-up input on the rising or falling edge or based on
the previous state. Digital input (logic level) sent to the MCU through the SPI. Safety purpose: Digital input (logic level) to perform
an IC error monitoring (both IO_0 AND IO_1 are used if configured as safety inputs, see Figure 9).
• IO_1 is also selectable as follow:
Safety purpose: FB_Core using a second resistor bridge (R3/R4 duplicated) connected to IO_1, to detect external resistor drift and
trigger when FB_Core - IO_1 >
±150 mV max.
• IO_2:3 are selectable as follows:
Digital input (logic level) sent to the MCU through the SPI. Wake-up input (logic level) on the rising or falling edge or based on the
previous state. Safety purpose: Digital input (logic level) to monitor MCU error signals (both IO_2 AND IO_3 are used if configured
as safety inputs). Only bi-stable protocol is available.
When IO_2:3 are used as safety inputs to monitor FCCU error outputs from the NXP MCU, the monitoring is active only when the
Fail-safe sate machine is in “normal WD running” state (Figure 11) and all the phases except the “Normal Phase” are considered as
an Error.
Table 8. I/Os configuration
I/0 number
Digital input
Wake-up capability
Output gate driver
IO_0
XX
IO_1
XX
IO_2
XX
IO_3
XX
IO_4
XX
X
IO_5
XX
X
SPI selection
Internal 2.5V reference
Mux_out
SPI selection
Die temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com