Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 46Page - NXP Semiconductors FS6408 Datasheet HTML 47Page - NXP Semiconductors FS6408 Datasheet HTML 48Page - NXP Semiconductors FS6408 Datasheet HTML 49Page - NXP Semiconductors FS6408 Datasheet HTML 50Page - NXP Semiconductors FS6408 Datasheet HTML 51Page - NXP Semiconductors FS6408 Datasheet HTML 52Page - NXP Semiconductors FS6408 Datasheet HTML 53Page - NXP Semiconductors FS6408 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 111 page
background image
50
NXP Semiconductors
FS6407/FS6408
Figure 34. VCORE efficiency
6.7.3
Charge pump and bootstrap
Both switching MOSFETs of VPRE and VCORE SMPS are driven by external bootstrap capacitors. Additionally, a charge pump is
implemented to ensure 100% duty cycle for both converters. Each converter uses a 100 nF external capacitor minimum to operate
properly.
6.7.4
VCCA voltage regulator
VCCA is a linear voltage regulator mainly dedicated to supply the MCU I/Os, especially the ADC. The output voltage is selectable at 5.0 V
or 3.3 V. Since this output voltage can be used to supply MCU I/Os, the output voltage selection is done using an external resistor
connected to the SELECT pin and ground if VAUX is used. When VAUX is not used, the resistor is connected between the SELECT pin
and VPRE.
When VCCA is used with the internal MOS transistor, VCCA_E pin must be connected to VPRE. The voltage accuracy is
±1.0% for 5.0 V
configuration and
±1.5% for 3.3 V configuration with an output current capability at 100 mA.
When VCCA is used with an external PNP transistor to boost the current capability up to 300 mA, the connection is detected automatically
during the start-up sequence of the FS6407/FS6408. In such condition, the internal pass transistor is switched OFF and all the current is
driven through the external PNP to reduce the internal power dissipation. The output voltage accuracy with an external PNP is reduced
to
±3.0% at 300 mA current load. The VCCA output voltage is used as a reference for the auxiliary voltage supply (VAUX) when VAUX is
configured as a tracking regulator.
6.7.4.1
Current limitation
A current limitation is implemented to avoid uncontrolled power dissipation of the internal MOSFET or external PNP transistor. By default,
the current limitation threshold is selected based on the auto detection of the external PNP during start up phase.
• When the internal MOSFET transistor is used, the current is limited to ICCA_LIM_INT and the regulator is kept ON
• When the external PNP transistor is used, the current is limited to ICCA_LIM_OUT and the regulator is switch OFF after a dedicated
duration TCCA_LIM_OFF under current limitation. A SPI command is needed to restart the regulator.
In case of external PNP configuration only, the lowest current limitation threshold can be selected by SPI in the register INIT VREG 2
instead of the highest one. In order to limit the power dissipation in the external PNP transistor in case of short circuit to GND of VCCA
pin, a current limitation foldback scheme is implemented to reduce the current limitation to ICCA_LIM_FB when VCCA is below VCCA_LIM_FB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com