Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 94Page - NXP Semiconductors FS6408 Datasheet HTML 95Page - NXP Semiconductors FS6408 Datasheet HTML 96Page - NXP Semiconductors FS6408 Datasheet HTML 97Page - NXP Semiconductors FS6408 Datasheet HTML 98Page - NXP Semiconductors FS6408 Datasheet HTML 99Page - NXP Semiconductors FS6408 Datasheet HTML 100Page - NXP Semiconductors FS6408 Datasheet HTML 101Page - NXP Semiconductors FS6408 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 111 page
background image
98
NXP Semiconductors
FS6407/FS6408
7.3.33 INIT_WD
Table 81. INIT WD register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
110
1
0
1
1
P
WD_C
NT_err
or_1
WD_C
NT_err
or_0
WD_C
NT_refr
esh_1
WD_C
NT_refr
esh_0
secure
3
secure
2
secure
1
secure
0
MISO
SPI_G
WU
CAN_
G
Reserve
d
IO_G
Vpre_
G
Vcore_
G
Vother
s_G
SPI_F
S_err
SPI_F
S_CLK
SPI_F
S_Req
SPI_F
S_Parit
y
WD_C
NT_err
or_1
WD_C
NT_err
or_0
WD_C
NT_refr
esh_1
WD_C
NT_refr
esh_0
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
010
1
0
1
1000
0000
00
MISO
SPI_G
WU
CAN_
G
Reserve
d
IO_G
Vpre_
G
Vcore_
G
Vother
s_G
SPI_F
S_err
SPI_F
S_CLK
SPI_F
S_Req
SPI_F
S_Parit
y
WD_C
NT_err
or_1
WD_C
NT_err
or_0
WD_C
NT_refr
esh_1
WD_C
NT_refr
esh_0
Table 82. INIT WD. Description and configuration of the bits (default value in bold)
WD_CNT_error_1:0
Description
Configure the maximum value of the WD error counter
00
6
01
6
10
4
11
2
Reset Condition
Power On Reset
WD_CNT_refresh_
1:0
Description
Configure the maximum value of the WD refresh counter
00
6
01
4
10
2
11
1
Reset Condition
Power On Reset
Secure3:0
Description
Secured bits based on write bits
Secured_3 = NOT(bit5)
Secured_2 = NOT(bit4)
Secured_1 = bit7
Secured_0 = bit6
SPI_FS_err
Description
Secured SPI communication check, concerns fail-safe logic only
0No error
1
Error detected in the secured bits
Reset condition
Power On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com