Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 98Page - NXP Semiconductors FS6408 Datasheet HTML 99Page - NXP Semiconductors FS6408 Datasheet HTML 100Page - NXP Semiconductors FS6408 Datasheet HTML 101Page - NXP Semiconductors FS6408 Datasheet HTML 102Page - NXP Semiconductors FS6408 Datasheet HTML 103Page - NXP Semiconductors FS6408 Datasheet HTML 104Page - NXP Semiconductors FS6408 Datasheet HTML 105Page - NXP Semiconductors FS6408 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 111 page
background image
102
NXP Semiconductors
FS6407/FS6408
8
List of interruptions and description
The INTB output pin generates a low pulse when an Interrupt condition occurs. The INTB behavior as well as the pulse duration are set
through the SPI during INIT phase. It is possible to mask some Interruption source (see Detail of register mapping).
Table 89. Interruptions list
Event
Description
VSNS_UV
Detection of VBATTERY below 8.5 V
VSUP_UV_7
Detection of VSUP below 7.0 V (after reverse current protection diode)
ILIM_PRE
Pre-regulator Current Limitation
TWARN_PRE
Temperature warning on the pass transistor
BoB
Return the running state of VPRE converter (Buck or Boost mode)
VPRE_STATE (VPRE_SMPS_EN)
Return the activation state of VPRE DC/DC converter
VPRE OV
Report a VPRE overvoltage detection
VPRE UV
Report a VPRE undervoltage detection
ILIM_CORE
VCORE Current limitation
TWARN_CORE
Temperature warning on the pass transistor
VCORE_STATE (VCORE_SMPS_EN)
Return the activation state of VCORE DC/DC converter
VCORE OV
Report a VCORE overvoltage detection
VCORE UV
Report a VCORE undervoltage detection
ILIM_CCA
VCCA Current limitation
TWARN_CCA
Temperature warning on the pass transistor (Internal Pass transistor only)
TSDVCCA
Temperature shutdown of the VCCA
ILIM_CCA_OFF
Current limitation maximum duration expiration. Only used when external PNP connected.
VCCA OV
Report a VCCA overvoltage detection
VCCA UV
Report a VCCA undervoltage detection
ILIM_AUX
VAUX Current limitation
ILIM_AUX_OFF
Current limitation maximum duration expiration. Only used when external PNP connected.
VAUX OV
Report a VAUX overvoltage detection
VAUX UV
Report a VAUX undervoltage detection
TSDVAUX
Temperature shutdown of the VAUX
ILIM_CAN
VCAN Current limitation
VCAN OV
Report a VCAN overvoltage detection
VCAN UV
Report a VCAN undervoltage detection
TSDCAN
Temperature shutdown on the pass transistor. Auto restart when TJ < (TSDCAN - TSDCAN_HYST).
IO_0
Report IO_0 digital state change
IO_1
Report IO_1 digital state change
IO_2
Report IO_2 digital state change
IO_3
Report IO_3 digital state change
IO_4
Report IO_4 digital state change
IO_5
Report IO_5 digital state change
IO_0_WU
Report IO_0 WU event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com