Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 55Page - NXP Semiconductors FS6408 Datasheet HTML 56Page - NXP Semiconductors FS6408 Datasheet HTML 57Page - NXP Semiconductors FS6408 Datasheet HTML 58Page - NXP Semiconductors FS6408 Datasheet HTML 59Page - NXP Semiconductors FS6408 Datasheet HTML 60Page - NXP Semiconductors FS6408 Datasheet HTML 61Page - NXP Semiconductors FS6408 Datasheet HTML 62Page - NXP Semiconductors FS6408 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 111 page
background image
NXP Semiconductors
59
FS6407/FS6408
Figure 44. Overtemperature behavior
6.8.2.6
Distinguish CAN diagnostics and CAN errors
The CAN errors can generate an interruption while the CAN diagnostics are reported in the digital for information only. The interruption
generated by the CAN errors can be inhibited setting INT_inh_CAN bit at “1” in the “INIT INT” register. The list of CAN Diagnostic and
CAN Error bits are provided in Table 11.
6.8.3
Wake-up mechanism
The device include bus monitoring circuitry to detect and report bus wake-ups when the device is in LPOFF and CAN mode configuration
is different than Sleep/NO wake-up capability. Two wake-up detection are implemented: single dominant pulse and multiple dominants
pulses. The wake-up mechanism is selected by the SPI in the main logic and wake-up events are reported. The event must occur within
the t3PTOX timeout. t3PTOX = t3PTO1 or t3PTO2, depending on the SPI selection.
Table 11. CAN diagnostic and CAN error bits
Register
Bit
Flag Type
Effect
DIAG CAN1
CANH_batt
Diagnostic
No impact on CAN transceiver
CANH_gnd
Diagnostic
No impact on CAN transceiver
CANL_batt
Diagnostic
No impact on CAN transceiver
CANL_gnd
Diagnostic
No impact on CAN transceiver
CAN_dominant
Error
Turn OFF CAN transceiver
RXD_recessive
Error
Turn OFF CAN transceiver
TXD_dominant
Error
Turn OFF CAN transceiver
DIAG CAN
CAN_OT
Error
Turn OFF CAN transceiver
CAN_OC
Diagnostic
No impact on CAN transceiver
TXD
high
low
dominant
recessive
Event 1
BUS
Temperature
Hysteresis
Event 1: over temperature detection. CAN driver disable.
Event 2: temperature falls below “overtemp. threshold minus hysteresis” => CAN driver remains disable.
Event 2
dominant
Event 1
Hysteresis
Event 2
dominant
Event 3
Event 3: temperature below “overtemp. threshold minus hysteresis” and TxD high to low transition => CAN driver enable.
Event 4
Event 4: temperature above “overtemp. threshold minus hysteresis” and TxD high to low transition => CAN driver remains disable.
Event 3
Overtemperature Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com