Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 23Page - NXP Semiconductors FS6408 Datasheet HTML 24Page - NXP Semiconductors FS6408 Datasheet HTML 25Page - NXP Semiconductors FS6408 Datasheet HTML 26Page - NXP Semiconductors FS6408 Datasheet HTML 27Page - NXP Semiconductors FS6408 Datasheet HTML 28Page - NXP Semiconductors FS6408 Datasheet HTML 29Page - NXP Semiconductors FS6408 Datasheet HTML 30Page - NXP Semiconductors FS6408 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 111 page
background image
NXP Semiconductors
27
FS6407/FS6408
The RSTB pin must be connected to the MCU and is active low. An external pull-up resistor must be connected to VDDIO. In default
configuration, the RST delay time has three possible values depending on the mode and product configuration:
• The longest one is used automatically following a Power On Reset or when resulting from LPOFF mode (Low Power Off).
• The two reset durations are then available in the INIT_FSSM1 register, which are 1.0 ms and 10 ms. The configured duration is used
in the normal operation when a fault occurs leading to a reset activation. The INIT_FSSM1 register is available (writing) in the INIT
FS phase.
5.15
DEBUG input (entering in debug mode)
The DEBUG pin allows the product to enter Debug mode. To activate Debug mode, the voltage applied to the DEBUG pin must be within
the VDEBUG_IL and VDEBUG_IH range at start-up. If the voltage applied to DEBUG pin is out of these limits before VCORE ramp-up, the
device settles into Normal mode. When Debug mode is activated, the FS0B output is asserted low at start-up. As soon as the FS0B is
released to “high” via SPI (Good WD answer and FS_OUT writing), this pin is never activated, whatever the fault is reported.
In Debug mode, any errors from the watchdog are ignored (No reset and No fail-safe), even if the whole functionality of the watchdog is
kept ON (Seed, LFSR, Wd_refresh counter, WD error counter). This allows an easy debug of the hardware and software routines (i.e. SPI
commands). When Debug mode is activated, the CAN transceiver is set to Normal operation mode. This allows communication with the
MCU, in case SPI communication is not available (case of MCU not programmed). To exit Debug mode, the pin must be tied to ground
through an external pull-down resistor or to VPRE through an external pull-up resistor and a Power On Reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com