Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 39Page - NXP Semiconductors FS6408 Datasheet HTML 40Page - NXP Semiconductors FS6408 Datasheet HTML 41Page - NXP Semiconductors FS6408 Datasheet HTML 42Page - NXP Semiconductors FS6408 Datasheet HTML 43Page - NXP Semiconductors FS6408 Datasheet HTML 44Page - NXP Semiconductors FS6408 Datasheet HTML 45Page - NXP Semiconductors FS6408 Datasheet HTML 46Page - NXP Semiconductors FS6408 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 111 page
background image
NXP Semiconductors
43
FS6407/FS6408
Figure 25. Transition between buck and boost
6.7.1.1
Power up and power down sequence
Figure 26. Buck configuration power up and power down
D (%)
VIN (V)
18
12
7.5
33
50
100
D buck
D boost
66
24
25
VPRE (V)
6.5
0
Buck_Boost Mask
VSNS_UV
Vsup
VSUP_UV_5
Buck
Boost
Boost
Buck
Vpre_EN
Vpre
INTB
(Vddio=Vcore)
RSTB
Vcore
0V
Vbattery
RST delay time
VSUP_UV_L_B
VCORE_FB_UV * ((R3+R4)/R4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com