Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 44Page - NXP Semiconductors FS6408 Datasheet HTML 45Page - NXP Semiconductors FS6408 Datasheet HTML 46Page - NXP Semiconductors FS6408 Datasheet HTML 47Page - NXP Semiconductors FS6408 Datasheet HTML 48Page - NXP Semiconductors FS6408 Datasheet HTML 49Page - NXP Semiconductors FS6408 Datasheet HTML 50Page - NXP Semiconductors FS6408 Datasheet HTML 51Page - NXP Semiconductors FS6408 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
48
NXP Semiconductors
FS6407/FS6408
6.7.1.5
VPRE voltage monitoring
The overvoltage detection switches OFF the regulator. The undervoltage detector is disabled when the regulator is switched OFF
reporting an undervoltage. Diagnostic is reported in the dedicated register and generate an Interrupt.
The undervoltage detection does not switches OFF the regulator. However, VPRE decrease may induce an undervoltage on a regulator
attached to VPRE (VCORE, VCCA, VAUX, or CAN_5V), and bring the application in Fail-safe state depending on the supervisor
configuration (registers INIT SUPERVISOR 1, 2, 3).
6.7.1.6
VPRE efficiency
VPRE efficiency versus current load is given for information based on typical external component criteria described in the table close to
the graph and at three different VSUP voltages (24 V, 32 V, and 36 V) covering typical industrial operating range. The efficiency is valid in
Buck mode only and above 200 mA load on VPRE to be in continuous mode in the 22 µH inductor. The efficiency is calculated and has
to be verified by measurement at application level.
Figure 32. VPRE efficiency
6.7.2
VCORE voltage regulator
This voltage regulator is a step-down DC-DC converter operating in Voltage Control mode. The high-side switching MOSFET is integrated
in the device and the PWM frequency is fixed at 2.4 MHz typical. The output voltage is configurable from 1.2 V to 3.3 V range and
adjustable around these voltages with an external resistor divider (R3/R4) connected between VCORE and the feedback pin (FB_CORE)
(Figure 33).
VCORE = VCORE_FB x ((R3 + R4) / R4)
The voltage accuracy is
±2.0% (without the external resistor bridge R3/R4 accuracy) and the max output current is 1.5 A. The stability of
the overall converter is done by an external compensation network (R1/C1/R2/C2) connected to the pin COMP_CORE. It is recommended
to use 1.0% accuracy resistors and set R4 = 8.06 k
Ω and adjust R3 to obtain the final VCORE voltage needed for the MCU core supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com