Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 70Page - NXP Semiconductors FS6408 Datasheet HTML 71Page - NXP Semiconductors FS6408 Datasheet HTML 72Page - NXP Semiconductors FS6408 Datasheet HTML 73Page - NXP Semiconductors FS6408 Datasheet HTML 74Page - NXP Semiconductors FS6408 Datasheet HTML 75Page - NXP Semiconductors FS6408 Datasheet HTML 76Page - NXP Semiconductors FS6408 Datasheet HTML 77Page - NXP Semiconductors FS6408 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
74
NXP Semiconductors
FS6407/FS6408
7.3.10 Status VREG1
Table 34. IO input. Description and configuration of the bits
IO_5
Description
Report IO_5 digital state in Normal mode. No update in LPOFF mode since wake-up features available
0
Low
1High
Reset condition
Power On Reset
IO_4
Description
Report IO_4 digital state in Normal mode. No update in LPOFF mode since wake-up features available
0
Low
1High
Reset condition
Power On Reset
IO_3
Description
Report IO_3 digital state in Normal mode. No update in LPOFF mode since wake-up features available
0
Low
1High
Reset condition
Power On Reset
IO_2
Description
Report IO_2 digital state in Normal mode. No update in LPOFF mode since wake-up features available
0
Low
1High
Reset condition
Power On Reset
IO_1
Description
Report IO_1 digital state in Normal mode. No update in LPOFF mode since wake-up features available
0
Low
1High
Reset condition
Power On Reset
IO_0
Description
Report IO_0 digital state in Normal mode. No update in LPOFF mode since wake-up features available
0
Low
1High
Reset condition
Power On Reset
Table 35. STATUS VREG1 register description
Read
bit15 bit14 bit13 bit12 bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
00
01
1
0
0
0
0
0
0
0
0
0
0
0
MISO
SPI_
G
WU
CAN_
G
Rese
rved
IO_G
Vpre_
G
Vcore_
G
Vothers_
G
Reserve
d
Ilim_pre
Twarn_pr
e
BoB
Vpre_stat
e
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com