Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 12Page - NXP Semiconductors HCS12 Datasheet HTML 13Page - NXP Semiconductors HCS12 Datasheet HTML 14Page - NXP Semiconductors HCS12 Datasheet HTML 15Page - NXP Semiconductors HCS12 Datasheet HTML 16Page - NXP Semiconductors HCS12 Datasheet HTML 17Page - NXP Semiconductors HCS12 Datasheet HTML 18Page - NXP Semiconductors HCS12 Datasheet HTML 19Page - NXP Semiconductors HCS12 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
16
Freescale Semiconductor
•
Clock and Reset Generator (CRG)
–
Phase-locked loop clock frequency multiplier
–
Self Clock mode in absence of external clock
–
COP watchdog
–
Real Time interrupt (RTI)
•
Memory
–
32K, 64K, 128K or 256K Byte Flash EEPROM
i. Internal program/erase voltage generation
ii. Security and Block Protect bits
iii. Hamming Error Correction Coding (ECC)
–
1K, 2K or 4K Byte EEPROM
–
2K, 4K, 6K, 8K or 12K Byte static RAM
Single-cycle misaligned word accesses without wait states
•
Analog-to-Digital Converter(s) (ADC)
–
One 16-channel module with 10-bit resolution except for MC9S12KT256 and MC9S12KG256
–
Two 8-channel module with 10-bit resolution for MC9S12KT256 and MC9S12KG256
–
External conversion trigger capability
•
8-channel Timer (TIM)
–
Programmable input capture or output compare channels
–
Simple PWM mode
–
Counter Modulo Reset
–
External Event Counting
–
Gated Time Accumulation
•
8-channel Pulse Width Modulator (PWM)
–
Programmable period and duty cycle per channel
–
8-bit 8-channel or 16-bit 4-channel
–
Edge and center aligned PWM signals
–
Emergency shutdown input
•
Two or Three 1M bit per second, CAN 2.0 A, B software compatible modules
–
Five receive and three transmit buffers
–
Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
–
Four separate interrupt channels for Rx, Tx, error and wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com