Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 94Page - NXP Semiconductors HCS12 Datasheet HTML 95Page - NXP Semiconductors HCS12 Datasheet HTML 96Page - NXP Semiconductors HCS12 Datasheet HTML 97Page - NXP Semiconductors HCS12 Datasheet HTML 98Page - NXP Semiconductors HCS12 Datasheet HTML 99Page - NXP Semiconductors HCS12 Datasheet HTML 100Page - NXP Semiconductors HCS12 Datasheet HTML 101Page - NXP Semiconductors HCS12 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
98
Freescale Semiconductor
Table A-12 3.3V ATD Operating Characteristics
A.5.2 Factors influencing accuracy
Three factors - source resistance, source capacitance and current injection - have an influence on the
accuracy of the ATD.
A.5.2.1 Source Resistance:
Due to the input pin leakage current as specified in Table A-6 and Table A-7in conjunction with the
source resistance there will be a voltage drop from the signal source to the ATD input. The maximum
source resistance RS specifies results in an error of less than 1/2 LSB (2.5mV) at the maximum leakage
current. If device or operating conditions are less than worst case or leakage-induced error is acceptable,
larger values of source resistance are allowed.
A.5.2.2 Source capacitance
When sampling an additional internal capacitor is switched to the input. This can cause a voltage drop due
to charge sharing with the external and the pin capacitance. For a maximum sampling error of the input
voltage
≤ 1LSB, then the external filter capacitor, C
f ≥ 1024 * (CINS- CINN).
A.5.2.3 Current injection
There are two cases to consider.
Conditions are shown in Table A-4 unless otherwise noted; Supply Voltage 3.3V-10% <= VDDA <= 3.3V+10%
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
D
Reference Potential
Low
High
VRL
VRH
VSSA
VDDA/2
VDDA/2
VDDA
V
V
2
C Differential Reference Voltage
VRH-VRL
3.0
3.3
3.6
V
3
D ATD Clock Frequency
fATDCLK
0.5
2.0
MHz
4
D
ATD 10-Bit Conversion Period
Clock Cycles1
Conv, Time at 2.0MHz ATD Clock fATDCLK
Conv, Time at 4.0MHz2 ATD Clock fATDCLK
NOTES:
1. The minimum time assumes a final sample period of 2 ATD clocks cycles while the maximum time assumes a final sample
period of 16 ATD clocks.
2. Reduced accuracy see Table A-14 and Table A-15.
NCONV10
TCONV10
TCONV10
14
7
3.5
28
14
7
Cycles
µs
µs
5
D
ATD 8-Bit Conversion Period
Clock Cycles(1)
Conv, Time at 2.0MHz ATD Clock fATDCLK
NCONV8
TCONV8
12
6
26
13
Cycles
µs
6
D Recovery Time (VDDA=3.3 Volts)
tREC
20
µs
7
P
Reference Supply current (two ATD modules)
IREF
0.500
mA
8
P
Reference Supply current (one ATD module)
IREF
0.250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com