Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 85Page - NXP Semiconductors HCS12 Datasheet HTML 86Page - NXP Semiconductors HCS12 Datasheet HTML 87Page - NXP Semiconductors HCS12 Datasheet HTML 88Page - NXP Semiconductors HCS12 Datasheet HTML 89Page - NXP Semiconductors HCS12 Datasheet HTML 90Page - NXP Semiconductors HCS12 Datasheet HTML 91Page - NXP Semiconductors HCS12 Datasheet HTML 92Page - NXP Semiconductors HCS12 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
89
Freescale Semiconductor
A.1.9 I/O Characteristics
This section describes the characteristics of all 3.3V/5V I/O pins. All parameters are not always applicable,
e.g. not all pins feature pull up/down resistances.
Table A-5 Thermal Package Characteristics1
NOTES:
1. The values for thermal resistance are achieved by package simulations
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
T
Thermal Resistance LQFP112, single sided PCB2
2. PC Board according to EIA/JEDEC Standard 51-2
θ
JA
-
-
54
oC/W
2
T
Thermal Resistance LQFP112, double sided PCB
with 2 internal planes3
3. PC Board according to EIA/JEDEC Standard 51-7
θ
JA
-
-
41
oC/W
3
T
Thermal Resistance QFP 80, single sided PCB
θ
JA
-
-
51
oC/W
4
T
Thermal Resistance QFP 80, double sided PCB with
2 internal planes
θ
JA
-
-
41
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com