Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 74Page - NXP Semiconductors HCS12 Datasheet HTML 75Page - NXP Semiconductors HCS12 Datasheet HTML 76Page - NXP Semiconductors HCS12 Datasheet HTML 77Page - NXP Semiconductors HCS12 Datasheet HTML 78Page - NXP Semiconductors HCS12 Datasheet HTML 79Page - NXP Semiconductors HCS12 Datasheet HTML 80Page - NXP Semiconductors HCS12 Datasheet HTML 81Page - NXP Semiconductors HCS12 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
78
Freescale Semiconductor
5.3 Resets
Resets are a subset of the interrupts featured inTable 5-1. The different sources capable of generating a
system reset are summarized in Table 5-2.
5.3.1 Effects of Reset
When a reset occurs, MCU registers and control bits are changed to known start-up states. Refer to the
respective module Block Guides for register reset states. Refer to the HCS12 MEBI Block Guide for mode
dependent pin configuration of port A, B and E out of reset.
Refer to the PIM Block Guide for reset configurations of all peripheral module ports.
Refer to Table 1-2(Table 1-2) for locations of the memories depending on the operating mode after reset.
The RAM array is not automatically initialized out of reset.
Section 6 HCS12 Core Block Description
6.1 CPU12 Block Description
Consult the CPU12 Reference Manual for information about the Central Processing Unit.
When the CPU12 Reference Manual refers to cycles this is equivalent to Bus Clock periods.
So 1 cycle is equivalent to 1 Bus Clock period.
6.2 HCS12 Background Debug Module (BDM) Block Description
Consult the HCS12 BDM Block Guide for information about the Background Debug Module.
When the BDM Block Guide refers to alternate clock this is equivalent to Oscillator Clock.
Table 5-2 Reset Summary
Reset
Priority
Source
Vector
Power-on Reset
1
CRG Module
$FFFE, $FFFF
External Reset
1
RESET pin
$FFFE, $FFFF
Low Voltage Reset
1
VREG Module
$FFFE, $FFFF
Clock Monitor Reset
2
CRG Module
$FFFC, $FFFD
COP Watchdog Reset
3
CRG Module
$FFFA, $FFFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com