Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 16Page - NXP Semiconductors HCS12 Datasheet HTML 17Page - NXP Semiconductors HCS12 Datasheet HTML 18Page - NXP Semiconductors HCS12 Datasheet HTML 19Page - NXP Semiconductors HCS12 Datasheet HTML 20Page - NXP Semiconductors HCS12 Datasheet HTML 21Page - NXP Semiconductors HCS12 Datasheet HTML 22Page - NXP Semiconductors HCS12 Datasheet HTML 23Page - NXP Semiconductors HCS12 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
20
Freescale Semiconductor
1.5 MC9S12KT(G)256 Block Diagram
Figure 1-2 MC9S12KT(G)256 Block Diagram
256K Byte Flash EEPROM
12K Byte RAM
RESET
EXTAL
XTAL
VDD1,2
VSS1,2
SCI0
BKGD
R/W
MODB
XIRQ
NOACC/XCLKS
System
Integration
Module
(SIM)
VDDR
CPU12
Periodic Interrupt
COP Watchdog
Clock Monitor
Single-wire BDM
Breakpoints
PLL
VSSPLL
XFC
VDDPLL
Multiplexed Address/Data Bus
ATD0
Multiplexed
Wide Bus
Multiplexed
VDDX
VSSX
Internal Logic 2.5V
Narrow Bus
PPAGE
VDDPLL
VSSPLL
OSC/PLL 2.5V
IRQ
LSTRB
ECLK
MODA
TEST
PE3
PE4
PE5
PE6
PE7
PE0
PE1
PE2
AN2
AN6
AN0
AN7
AN1
AN3
AN4
AN5
PAD03
PAD04
PAD05
PAD06
PAD07
PAD00
PAD01
PAD02
IOC2
IOC6
IOC0
IOC7
IOC1
IOC3
IOC4
IOC5
PT3
PT4
PT5
PT6
PT7
PT0
PT1
PT2
VRH
VRL
VDDA
VSSA
VRH
VRL
AN2
AN6
AN0
AN7
AN1
AN3
AN4
AN5
PAD11
PAD12
PAD13
PAD14
PAD15
PAD08
PAD09
PAD10
VDDA
VSSA
RXD
TXD
MISO
MOSI
PS3
PS4
PS5
PS0
PS1
PS2
SCI1
RXD
TXD
PWM2
PWM6
PWM0
PWM7
PWM1
PWM3
PWM4
PWM5
PP3
PP4
PP5
PP6
PP7
PP0
PP1
PP2
PIX2
PIX0
PIX1
PIX3
ECS
PK3
PK7
PK0
PK1
XADDR17
ECS
XADDR14
XADDR15
XADDR16
SCK
SS
PS6
PS7
SPI0
IIC
SDA
SCL
PJ6
PJ7
CAN0
RxCAN
TxCAN
PM1
PM0
PM2
PM3
PM4
PM5
PM6
PM7
KWH2
KWH6
KWH0
KWH7
KWH1
KWH3
KWH4
KWH5
PH3
PH4
PH5
PH6
PH7
PH0
PH1
PH2
KWJ0
KWJ1
PJ0
PJ1
I/O Driver 3.3V/5V
VDDA
VSSA
A/D Converter 3.3V/5V
DDRA
DDRB
PTA
PTB
PK2
CRG
Voltage Regulator
VSSR
VDD1,2
VSS1,2
VREGEN
VDDR
VSSR
Voltage Regulator 3.3V/5V
PIX4
PIX5
PK4
PK5
XADDR18
XADDR19
Voltage Reference
KWP2
KWP6
KWP0
KWP7
KWP1
KWP3
KWP4
KWP5
KWJ6
KWJ7
TIM
4K Byte EEPROM
PWM
MISO
MOSI
SCK
SS
SPI1
MISO
MOSI
SCK
SS
SPI2
CAN4
RxCAN
TxCAN
OSC
Debugger
CAN1
RxCAN
TxCAN
ATD1
VRH
VRL
VDDA
VSSA
VRH
VRL
VDDA
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com