Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 55Page - NXP Semiconductors HCS12 Datasheet HTML 56Page - NXP Semiconductors HCS12 Datasheet HTML 57Page - NXP Semiconductors HCS12 Datasheet HTML 58Page - NXP Semiconductors HCS12 Datasheet HTML 59Page - NXP Semiconductors HCS12 Datasheet HTML 60Page - NXP Semiconductors HCS12 Datasheet HTML 61Page - NXP Semiconductors HCS12 Datasheet HTML 62Page - NXP Semiconductors HCS12 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
59
Freescale Semiconductor
Table 2-2 Power and Ground
PP3
KWP3
PWM3
SS1
VDDX
PERP/
PPSP
Disabled
Port P I/O, Interrupt, PWM Channel 3,
SPI1 SS
PP2
KWP2
PWM2
SCK1
VDDX
PERP/
PPSP
Disabled
Port P I/O, Interrupt, PWM Channel 2,
SPI1 SCK
PP1
KWP1
PWM1
MOSI1
VDDX
PERP/
PPSP
Disabled
Port P I/O, Interrupt, PWM Channel 1,
SPI1 MOSI
PP0
KWP0
PWM0
MISO1
VDDX
PERP/
PPSP
Disabled
Port P I/O, Interrupt, PWM Channel 0,
SPI1 MISO
PS7
SS0
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, SPI0 SS
PS6
SCK0
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, SPI0 SCK
PS5
MOSI0
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, SPI0 MOSI
PS4
MISO0
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, SPI0 MISO
PS3
TXD1
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, SCI1TXD
PS2
RXD1
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, SCI1RXD
PS1
TXD0
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, SCI0 TXD
PS0
RXD0
—
—
VDDX
PERS/
PPSS
Up
Port S I/O, SCI0 RXD
PT[7:0]
IOC[7:0]
—
—
VDDX
Up or
Down
Disabled Port T I/O, Timer channels
NOTES:
1. Only available on MC9S12KT256.
Mnemonic
Nominal
Voltage
Description
VDD1
VDD2
2.5 V
Internal power and ground generated by internal regulator. These also
allow an external source to supply the core VDD/VSS voltages and
bypass the internal voltage regulator.
VSS1
VSS2
0V
VDDR
3.3/5.0 V
External power and ground, supply to pin drivers and internal voltage
regulator.
VSSR
0 V
VDDX
3.3/5.0 V
External power and ground, supply to pin drivers.
VSSX
0 V
VDDA
3.3/5.0 V
Operating voltage and ground for the analog-to-digital converter and
the reference for the internal voltage regulator, allows the supply
voltage to the A/D to be bypassed independently.
VSSA
0 V
VRH
3.3/5.0 V
Reference voltage high for the ATD converter.
VRL
0 V
Reference voltage low for the ATD converter.
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com