Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 57Page - NXP Semiconductors HCS12 Datasheet HTML 58Page - NXP Semiconductors HCS12 Datasheet HTML 59Page - NXP Semiconductors HCS12 Datasheet HTML 60Page - NXP Semiconductors HCS12 Datasheet HTML 61Page - NXP Semiconductors HCS12 Datasheet HTML 62Page - NXP Semiconductors HCS12 Datasheet HTML 63Page - NXP Semiconductors HCS12 Datasheet HTML 64Page - NXP Semiconductors HCS12 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
61
Freescale Semiconductor
2.3.5 XFC — PLL Loop Filter Pin
PLL loop filter. Please ask your Motorola representative for the interactive application note to compute
PLL loop filter elements. Any current leakage on this pin must be avoided.
Figure 2-4 PLL Loop Filter Connections
2.3.6 BKGD / TAGHI / MODC — Background Debug, Tag High, and Mode Pin
The BKGD/TAGHI/MODC pin is used as a pseudo-open-drain pin for the background debug
communication. In MCU expanded modes of operation when instruction tagging is on, an input low on
this pin during the falling edge of E-clock tags the high half of the instruction word being read into the
instruction queue. It is used as a MCU operating mode select pin during reset. The state of this pin is
latched to the MODC bit at the rising edge of RESET.
2.3.7 PAD[15:8] / AN[15:8] — Port AD Input Pins [15:8]
PAD15 - PAD8 are general purpose input pins and analog inputs of the single analog to digital converter
with 16 channels on MC9S12KG128(64)(32), MC9S12KL128(64) and MC9S12KC128(64). PAD15 -
PAD8 are general purpose input pins and analog inputs of the analog to digital converter with 8 channels
(ATD1) on MC9S12KT256 and MC9S12KG256.
2.3.8 PAD[7:0] / AN[7:0] — Port AD Input Pins [7:0]
PAD7 - PAD0 are general purpose input pins and analog inputs of the single analog to digital converter
with 16 channels on MC9S12KG128(64)(32), MC9S12KL128(64) and MC9S12KC128(64). PAD7 -
PAD0 are general purpose input pins and analog inputs of the analog to digital converter with 8 channels
(ATD0) on MC9S12KT256 and MC9S12KG256.
2.3.9 PA[7:0] / ADDR[15:8] / DATA[15:8] — Port A I/O Pins
PA7-PA0 are general purpose input or output pins. In MCU expanded modes of operation, these pins are
used for the multiplexed external address and data bus.
MCU
XFC
R
CS
CP
VDDPLL
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com