Electronic Components Datasheet Search
  English  ▼

X  

HCS12 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 87Page - NXP Semiconductors HCS12 Datasheet HTML 88Page - NXP Semiconductors HCS12 Datasheet HTML 89Page - NXP Semiconductors HCS12 Datasheet HTML 90Page - NXP Semiconductors HCS12 Datasheet HTML 91Page - NXP Semiconductors HCS12 Datasheet HTML 92Page - NXP Semiconductors HCS12 Datasheet HTML 93Page - NXP Semiconductors HCS12 Datasheet HTML 94Page - NXP Semiconductors HCS12 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
91
Freescale Semiconductor
A.1.10 Supply Currents
This section describes the current consumption characteristics of the device as well as the conditions for
the measurements.
Table A-7 3.3V I/O Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P
Input High Voltage
V
IH
0.65*VDD5
-
VDD5 + 0.3
V
2
P
Input Low Voltage
V
IL
VSS5 - 0.3
-
0.35*VDD5
V
3
C Input Hysteresis
V
HYS
250
mV
4
P
Input Leakage Current (pins in high impedance input
mode)
V
in
= V
DD5
or V
SS5
I
in
–1
-
1
µA
5
P
Output High Voltage (pins in output mode)
Partial Drive IOH = –0.75mA
Full Drive IOH = –4.5mA
V
OH
VDD5 – 0.4
-
-
V
6
P
Output Low Voltage (pins in output mode)
Partial Drive IOL = +0.9mA
Full Drive IOL = +5.5mA
V
OL
-
-
0.4
V
7
P
Internal Pull Up Device Current,
tested at V
IL
Max.
IPUL
-
-
–60
µA
8
P
Internal Pull Up Device Current,
tested at V
IH
Min.
IPUH
-6
-
-
µA
9
P
Internal Pull Down Device Current,
tested at V
IH
Min.
IPDH
-
-
60
µA
10
P
Internal Pull Down Device Current,
tested at V
IL
Max.
IPDL
6
-
-
µA
11
D Input Capacitance
Cin
7
-
pF
12
T
Injection current1
Single Pin limit
Total Device Limit. Sum of all injected currents
NOTES:
1. Refer to Section A.1.4 Current Injection, for more details
IICS
IICP
-2.5
-25
-
2.5
25
mA
13
P
Port P, J Interrupt Input Pulse filtered2
2. Parameter only applies in STOP or Pseudo STOP mode.
tPULSE
3
µs
14
P
Port P, J Interrupt Input Pulse passed(2)
tPULSE
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com