Electronic Components Datasheet Search
  English  ▼

X  

TW2866C Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 41Page - Renesas Technology Corp TW2866C Datasheet HTML 42Page - Renesas Technology Corp TW2866C Datasheet HTML 43Page - Renesas Technology Corp TW2866C Datasheet HTML 44Page - Renesas Technology Corp TW2866C Datasheet HTML 45Page - Renesas Technology Corp TW2866C Datasheet HTML 46Page - Renesas Technology Corp TW2866C Datasheet HTML 47Page - Renesas Technology Corp TW2866C Datasheet HTML 48Page - Renesas Technology Corp TW2866C Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 45 of 143
February 3, 2012
256xfs mode: AIN5MD=0,AFS384=0.
AMCLK(MHZ)
FIELD[HZ]
ACKN [DEC]
ACKN [HEX]
ACKI [DEC]
ACKI [HEX]
256 x 48 KHz
12.288
50
245760
3-C0-00
3817749
3A-41-15
12.288
59.94
205005
3-20-CD
3817749
3A-41-15
256 x
44.1KHz
11.2896
50
225792
3-72-00
3507556
35-85-65
11.2896
59.94
188348
2-DF-BC
3507556
35-85-65
256 x 32 KHz
8.192
50
163840
2-80-00
2545166
26-D6-0E
8.192
59.94
136670
2-15-DE
2545166
26-D6-0E
256 x 16 KHz
4.096
50
81920
1-40-00
1272583
13-6B-07
4.096
59.94
68335
1-0A-EF
1272583
13-6B-07
256 x 8 KHz
2.048
50
40960
A0-00
636291
9-B5-83
2.048
59.94
34168
85-78
636291
9-B5-83
320xfs mode: AIN5MD=1,AFS384=0. 44.1kHz/48kHz are not supported.
AMCLK(MHZ)
FIELD[HZ]
ACKN [DEC]
ACKN [HEX]
ACKI [DEC]
ACKI [HEX]
320 x 32 KHz
10.24
50
204800
3-20-00
3181457
30-8B-91
10.24
59.94
170838
2-9B-56
3181457
30-8B-91
320 x 16 KHz
5.12
50
102400
1-90-00
1590729
18-45-C9
5.12
59.94
85419
1-4D-AB
1590729
18-45-C9
320 x 8 KHz
2.56
50
51200
C8-00
795364
C-22-E4
2.56
59.94
42709
A6-D5
795364
C-22-E4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com