Electronic Components Datasheet Search
  English  ▼

X  

TW2866C Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 61Page - Renesas Technology Corp TW2866C Datasheet HTML 62Page - Renesas Technology Corp TW2866C Datasheet HTML 63Page - Renesas Technology Corp TW2866C Datasheet HTML 64Page - Renesas Technology Corp TW2866C Datasheet HTML 65Page - Renesas Technology Corp TW2866C Datasheet HTML 66Page - Renesas Technology Corp TW2866C Datasheet HTML 67Page - Renesas Technology Corp TW2866C Datasheet HTML 68Page - Renesas Technology Corp TW2866C Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 65 of 143
February 3, 2012
0X0F(CH1)/0X1F(CH2)/0X2F(CH3)/0X3F(CH4) – STANDARD RECOGNITION
Bit
Function
R/W
Description
Reset
7
ATSTART
R/W
Writing 1 to this bit will manually initiate the auto format
detection process. This bit is a self-resetting bit.
0
6
PAL6_EN
R/W
1 = enable recognition of PAL60.
0 = disable recognition.
1
5
PALN_EN
R/W
1 = enable recognition of PAL (CN).
0 = disable recognition.
1
4
PALM_EN
R/W
1 = enable recognition of PAL (M).
0 = disable recognition.
1
3
NT44_EN
R/W
1 = enable recognition of NTSC 4.43.
0 = disable recognition.
1
2
SEC_EN
R/W
1 = enable recognition of SECAM.
0 = disable recognition.
1
1
PALB_EN
R/W
1 = enable recognition of PAL (B,D,G,H,I).
0 = disable recognition.
1
0
NTSC_EN
R/W
1 = enable recognition of NTSC (M).
0 = disable recognition.
1
0XE4(CH1)/0XE7(CH2)/0XEA(CH3)/0XED(CH4) – VERTICAL SCALING REGISTER, LOW
Bit
Function
R/W
Description
Reset
7-0
VSCALE_LO
R/W
These bits are bit 7 to 0 of the 12-bit vertical scaling ratio
register
00
0XE5(CH1)/0XE8(CH2)/0XEB(CH3)/0XEE(CH4) – SCALING REGISTER, HIGH
Bit
Function
R/W
Description
Reset
7-4
VSCALE_HI
R/W
These bits are bit 11 to 8 of the 12-bit vertical scaling ratio
register.
1
3-0
HSCALE_HI
R/W
These bits are bit 11 to 8 of the 12-bit horizontal scaling
ratio register.
1
0XE6(CH1)/0XE9(CH2)/0XEC(CH3)/0XEF(CH4) – HORIZONTAL SCALING REGISTER, LOW
Bit
Function
R/W
Description
Reset
7-0
HSCALE_LO
R/W
These bits are bit 7 to 0 of the 12-bit horizontal scaling ratio
register.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com