Electronic Components Datasheet Search
  English  ▼

X  

TW2866C Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 23Page - Renesas Technology Corp TW2866C Datasheet HTML 24Page - Renesas Technology Corp TW2866C Datasheet HTML 25Page - Renesas Technology Corp TW2866C Datasheet HTML 26Page - Renesas Technology Corp TW2866C Datasheet HTML 27Page - Renesas Technology Corp TW2866C Datasheet HTML 28Page - Renesas Technology Corp TW2866C Datasheet HTML 29Page - Renesas Technology Corp TW2866C Datasheet HTML 30Page - Renesas Technology Corp TW2866C Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 27 of 143
February 3, 2012
TABLE 5. SHOWS THE SPECIAL FORMAT OF ITU-R BT. 656 EMBEDDED TIMING CODE AND CHANNEL ID CODE
Condition
656 FVH Value
SAV-EAV Code
Field
V-time
H-time
F
V
H
First
Second
Third
Fourth
Ch1
Ch2
Ch3
Ch4
EVEN
BLANK
EAV
1
1
1
0xFF
0x00
0x00
0xF0
0xF1
0xF2
0xF3
EVEN
BLANK
SAV
1
1
0
0xFF
0x00
0x00
0xE0
0xE1
0xE2
0xE3
EVEN
ACTIVE
EAV
1
0
1
0xFF
0x00
0x00
0xD0
0xD1
0xD2
0xD3
EVEN
ACTIVE
SAV
1
0
0
0xFF
0x00
0x00
0xC0
0xC1
0xC2
0xC3
ODD
BLANK
EAV
0
1
1
0xFF
0x00
0x00
0xB0
0xB1
0xB2
0xB3
ODD
BLANK
SAV
0
1
0
0xFF
0x00
0x00
0xA0
0xA1
0xA2
0xA3
ODD
ACTIVE
EAV
0
0
1
0xFF
0x00
0x00
0x90
0x91
0x92
0x93
ODD
ACTIVE
SAV
0
0
0
0xFF
0x00
0x00
0x80
0x81
0x82
0x83
OUTPUT ENABLING ACT
After power-up, the TW2866 registers have unknown values. The RSTB pin must be asserted and released
to bring all registers to its default values. After reset, the TW2866 data outputs are tri-stated. The OE
register should be written after reset to enable outputs desired.
VIDEO OUTPUT CHANNEL SELECTION
If CHMDn[1:0] in Reg0xCA is set to 0hex,MAINCHn[1:0] in Reg0xCD selects one number of Video Channels
to be output on VDn[7:0] pin as Single Channel ITU-R BT.656(D1) Format output.If CHMDn[1:0] in Reg0xCA
is set to 1hex,MAINCHn[1:0] in Reg0xCD and SELCHn[1:0] in Reg0xCC select two numbers of Video
Channels to be output on VDn[7:0] pin as Two Channel ITU-R BT.656(D1) Time-multiplexed Format output.If
CHMDn[1:0] in Reg0xCA is set to 2hex, Four Channel ITU-R BT.656(D1) Time-multiplexed Format is output
on VDn[7:0] pin.
EXTRA SYNC OUTPUT
The additional timing information such as syncs and field flag are also supported through the MPP pins.
The video output timing is illustrated in Figure 17 and Figure 18 TW2866 HS/VS/FLD output function is
compatible to TW9907 Video decoder HSYNC/VSYNC/FIELD output function. Start of VS timing is
controlled by VSHT register(V timing) and OVSDLY register(H timing).End of VS timing is controlled by
OVSEND register(V Timing).Start of FLD timing is controlled by OFDLY register(V timing).Start of HS timing
is controlled by HSBEGIN register and End of HS timing is controlled by HSEND register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com