Electronic Components Datasheet Search
  English  ▼

X  

TW2866C Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 87Page - Renesas Technology Corp TW2866C Datasheet HTML 88Page - Renesas Technology Corp TW2866C Datasheet HTML 89Page - Renesas Technology Corp TW2866C Datasheet HTML 90Page - Renesas Technology Corp TW2866C Datasheet HTML 91Page - Renesas Technology Corp TW2866C Datasheet HTML 92Page - Renesas Technology Corp TW2866C Datasheet HTML 93Page - Renesas Technology Corp TW2866C Datasheet HTML 94Page - Renesas Technology Corp TW2866C Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 91 of 143
February 3, 2012
0XCA – VIDEO CHANNEL OUTPUT CONTROL
Bit
Function
R/W
Description
Reset
7-6
CHMD4
R/W
Select video bus output mode on 8bit VD4[7:0] pin.
0: Single Channel ITU-R BT.656 format output.
1: Two Channel ITU-R BT.656 Time-multiplexed
format output.
2: Four Channel ITU-R BT.656 Time-multiplexed
format output.
0h
5-4
CHMD3
R/W
Select video bus output mode on 8bit VD3[7:0] pin.
0: Single Channel ITU-R BT.656 format output.
1: Two Channel ITU-R BT.656 Time-multiplexed
format output.
2: Four Channel ITU-R BT.656 Time-multiplexed
format output.
0h
3-2
CHMD2
R/W
Select video bus output mode on 8bit VD2[7:0] pin.
0: Single Channel ITU-R BT.656 format output.
1: Two Channel ITU-R BT.656 Time-multiplexed
format output.
2: Four Channel ITU-R BT.656 Time-multiplexed
format output.
0h
1-0
CHMD1
R/W
Select video bus output mode on 8bit VD1[7:0] pin.
0: Single Channel ITU-R BT.656 format output.
1: Two Channel ITU-R BT.656 Time-multiplexed
format output.
2: Four Channel ITU-R BT.656 Time-multiplexed
format output.
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com