Electronic Components Datasheet Search
  English  ▼

X  

TW2866C Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # TW2866C
Description  4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW2866C Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button TW2866C Datasheet HTML 99Page - Renesas Technology Corp TW2866C Datasheet HTML 100Page - Renesas Technology Corp TW2866C Datasheet HTML 101Page - Renesas Technology Corp TW2866C Datasheet HTML 102Page - Renesas Technology Corp TW2866C Datasheet HTML 103Page - Renesas Technology Corp TW2866C Datasheet HTML 104Page - Renesas Technology Corp TW2866C Datasheet HTML 105Page - Renesas Technology Corp TW2866C Datasheet HTML 106Page - Renesas Technology Corp TW2866C Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 143 page
background image
TW2866C
FN8253 Rev. 0.00
Page 103 of 143
February 3, 2012
0XE0 – MIX OUTPUT SELECTION
Bit
Function
R/W
Description
Reset
7
VADCCKPOL
R/W
Test purpose only.
0
6
AADCCKPOL
R/W
1:Analog Audio ADC input clock polarity inverse
0:not inverse.
0
5
ADACCKPOL
R/W
Test purpose only.
0
4-0
MIX_OUTSEL
R/W
Define the final audio output for analog and digital mixing
out.
0
Select record audio of channel 1
1
Select record audio of channel 2
2
Select record audio of channel 3
3
Select record audio of channel 4
4
Select record audio of channel 5
5
Select record audio of channel 6
6
Select record audio of channel 7
7
Select record audio of channel 8
8
Select record audio of channel 9
9
Select record audio of channel 10
10(Ah)
Select record audio of channel 11
11(Bh)
Select record audio of channel 12
12(Ch)
Select record audio of channel 13
13(Dh)
Select record audio of channel 14
14(Eh)
Select record audio of channel 15
15(Fh)
Select record audio of channel 16
16(10h)
Select playback audio of the first stage chip
17(11h)
Select playback audio of the second stage
chip
18(12h)
Select playback audio of the third stage chip
19(13h)
Select playback audio of the last stage chip
20(14h)
Select mixed audio (default)
21(15h) Select record audio of channel AIN51
22(16h) Select record audio of channel AIN52
23(17h) Select record audio of channel AIN53
24(18h) Select record audio of channel AIN54
Others
no sound.
1Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com