Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8337 Datasheet HTML 2Page - Analog Devices AD8337 Datasheet HTML 3Page - Analog Devices AD8337 Datasheet HTML 4Page - Analog Devices AD8337 Datasheet HTML 5Page - Analog Devices AD8337 Datasheet HTML 6Page - Analog Devices AD8337 Datasheet HTML 7Page - Analog Devices AD8337 Datasheet HTML 8Page - Analog Devices AD8337 Datasheet HTML 9Page - Analog Devices AD8337 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8337
Rev. A | Page 6 of 28
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
1
4
3
2
INPN
VOUT
VCOM
INPP
PIN 1
AD8337
VPOS
PRAO
VNEG
GAIN
8
7
6
5
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead LFCSP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
VGA Output.
2
VCOM
Common Ground when using Plus and Minus Supply Voltages. For single supply operation, provide
half the positive supply voltage at Pin VPOS to Pin VCOM.
3
INPP
Positive Input to Preamplifier.
4
INPN
Negative Input to Preamplifier.
5
PRAO
Preamplifier Output.
6
VNEG
Negative Supply (−VPOS for dual supply; GND for single supply).
7
GAIN
Gain Control Input Centered at VCOM.
8
VPOS
Positive Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com