Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices AD8337 Datasheet HTML 23Page - Analog Devices AD8337 Datasheet HTML 24Page - Analog Devices AD8337 Datasheet HTML 25Page - Analog Devices AD8337 Datasheet HTML 26Page - Analog Devices AD8337 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8337
Rev. A | Page 23 of 28
The offset voltage effect of the AD8337, as with all VGAs, can
appear as a complex waveform when observed across the range
of VGAIN voltage. Generated by multiple sources, each device has
a unique VOS profile while the GAIN input is swept through its
voltage range. The offset voltage profile seen in Figure 15 is a
typical example. If the VGAIN input voltage is modulated, the
output is the product of the VGAIN and the dc profile of the offset
voltage, and it can be observed on a scope as a small ac signal
as shown in Figure 74. In Figure 74, the signal applied to the
VGAIN input is a 1 kHz ramp, and the output voltage signal is
slightly less than 4 mV p-p.
–4
6
10
0
4
8
–800
–2
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
2
–10
–8
–6
VS = 2.5
INPUT
OUTPUT
VS = ±2.5V
Figure 74. Offset Voltage vs. VGAIN for a 1 kHz Ramp
The profile of the waveform shown in Figure 74 is consistent
over a wide range of signals from dc to about 20 kHz. Above
20 kHz, secondary artifacts can be generated due to the effects
of minor internal circuit tolerances as seen in Figure 75. These
artifacts are caused by settling and time constants of the inter-
polator circuit and appear at the output as the voltage spikes
seen in Figure 75.
–4
6
10
0
4
8
–800
–2
VGAIN (mV)
–600
–200
–400
400
600
200
800
0
2
–10
–8
–6
VS = 2.5
INPUT
OUTPUT
SPIKE
SPIKE
VS = ±2.5V
Figure 75. VOS Profile for a 50 kHz Ramp
Under certain circumstances, the product of VGAIN and the
offset profile plus spikes is a coherent spurious signal within
the signal band of interest and indistinguishable from desired
signals. In general, the slower the ramp applied to the GAIN
pin, the smaller the spikes are. In most applications, these
effects are benign and not an issue.
THERMAL CONSIDERATIONS
The thermal performance of chip scale packages, such as
the AD8337, departs significantly from that of leaded devices
such as the larger TSSOP or QFSP. In larger packages, heat is
conducted away from the die by the path provided by the bond
wires and the device leads. In chip scale packages, the heat
transfer mechanisms are surface-to-air radiation from the top
and side surfaces of the package and conduction through the
metal solder pad on the mounting surface of the device.
θJC is the traditional thermal metric found in the data sheets
of integrated circuits. Heat transfer away from the die is a three-
dimensional dynamic, and the path is through the bond wires,
leads, and the six surfaces of the package. Because of the small
size of chip scale packages, the θJC is not measured conventionally.
Instead, it is calculated using thermodynamic rules.
The AD8837’s θJC value listed in Table 2 assumes that the tab
is soldered to the board and that there are three additional
ground layers beneath the device connected by at least four vias.
For a device with an unsoldered pad, the θJC nearly doubles,
becoming 138°C/W.
PSI (Ψ)
Table 2 lists a subset of the classic theta specification, ΨJT
(Psi junction to top). θJC is the metric of heat transfer from
the die to the case, involving the six outside surfaces of the
package. Ψ(XY) is a subset of the theta value and the thermal
gradient from the junction (die) to each of the six surfaces.
Ψ can be different for each of the surfaces, but since the top of
the package is actually a fraction of a millimeter from the die,
the surface temperature of the package is very close to the die
temperature. The die temperature is calculated as the product
of the power dissipation and ΨJT. Since the top surface tempera-
ture and power dissipation are easily measured, it follows that the
die temperature is easily calculated. For example, for a dissipation
of 180 mW and a ΨJT of 5.3°/W, the die temperature is slightly less
than 1°C higher than the surface temperature.
BOARD LAYOUT
Because the AD8337 is a high frequency device, board layout
is critical. It is very important to have a good ground plane
connection to the VCOM pin. Coupling through the ground
plane, from the output to the input, can cause peaking at higher
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com