Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices AD8337 Datasheet HTML 23Page - Analog Devices AD8337 Datasheet HTML 24Page - Analog Devices AD8337 Datasheet HTML 25Page - Analog Devices AD8337 Datasheet HTML 26Page - Analog Devices AD8337 Datasheet HTML 27Page - Analog Devices AD8337 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8337
Rev. A | Page 24 of 28
IN
–VS
1
8
7
6
5
4
3
2
VOUT
VCOM
INPP
VPOS
GAIN
VNEG
PRAO
INPN
U1
AD8337
TP1
VOUT
R2
49.9Ω
RVO1
453Ω
GND4
R5
RFB2
100Ω
RFB1
100Ω
R4
0Ω
RPO2
453Ω
PRAO
CG
1nF
L2
120nH
R1
49.9Ω
GAIN
C4
0.1µF
C3
0.1µF
C2
10µF
+
+
C1
10µF
RVO3
0Ω
L1
120nH
J1
+VS
GND3
GND2
GND1
Figure 76. Schematic— Evaluation Board—Noninverting Configuration
Figure 77. Evaluation Board—Component Side Copper
Figure 78. Evaluation Board—Wiring Side Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com