Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8337
Rev. A | Page 18 of 28
THEORY OF OPERATION
VOUT
GAIN
RG
18dB
(8X)
2
1
6
PRAO
VNEG
VCOM
+
–
7
749Ω
107Ω
PRA
6dB
GAIN
INTERFACE
BIAS
+
–
8
VPOS
INPP
INPN
5
3
4
INTERPOLATOR
ATTENUATOR
–24dB TO 0dB
+
–
RFB1 = RFB2 = 100Ω
RFB2
RFB1
Figure 65. Block Diagram and Pinout
OVERVIEW
The AD8337 is a low-noise, single-ended, linear-in-dB, general-
purpose, variable gain amplifier (VGA) usable at frequencies
up to 100 MHz. It is fabricated using a proprietary ADI
dielectrically isolated complementary bipolar process.
The bandwidth is dc to 280 MHz and features low dc offset
voltage and an ideal nominal gain range of 0 dB to 24 dB.
Requiring about 15.5 mA, the power consumption is only
78 mW from either a single +5 V or a dual ±2.5 V supply.
Figure 65 is the circuit block diagram of the AD8337.
PREAMPLIFIER
An uncommitted, current-feedback op amp included in the
AD8337 can be used as a preamplifier to buffer the ladder
network attenuator of the X-AMP. As with any op amp, the gain
is established using external resistors; the preamplifier is
specified with a noninverting gain of 6 dB (2×) and both gain
resistor values of 100 Ω. The preamplifier gain can be increased
using larger values of RFB2, trading off bandwidth and offset
voltage. The value of RFB2 should be ≥100 Ω, because it and
an internal compensation capacitor determines the 3 dB
bandwidth, and smaller values can compromise preamplifier
stability.
Because the AD8337 is dc-coupled, larger preamp gains increase
the offset voltage. The offset voltage can be compensated by
connecting a resistor between the INPN input and the supply
voltage. If the offset is negative, the resistor value connects to the
negative supply. For ease of adjustment, a trimmer network
can be used.
For larger gains, the overall noise is reduced if a low value of
RFB1 is selected. For values of RFB1 = 20 Ω and RFB2 = 301 Ω,
the preamp gain is 16× (24.1 dB), and the input referred noise
is approximately 1.5nV/√Hz. For this value of gain, the overall
gain range increases by 18 dB, so the gain range is 18 dB to 42 dB.
VGA
This X-AMP, with its linear-in-dB gain characteristic
architecture, yields the optimum dynamic range for receiver
applications. Referring to Figure 65, the signal path consists
of a −24 dB variable attenuator followed by a fixed gain amplifier
of 18 dB, for a total VGA gain range of −6 dB to +18 dB. With
the preamplifier configured for a gain of 6 dB, the composite
gain range is 0 dB to 24 dB.
The VGA plus preamp with 6 dB of gain implements the
following exact gain law:
)
ICPT(
GAIN
V
19.7
)
Gain(
dB
V
dB
dB
+
⎥⎦
⎤
⎢⎣
⎡
×
=
where the nominal intercept (ICPT) is 12.65 dB.
The ICPT increases as the gain of the preamp is increased. For
example, if the gain of the preamp is increased by 6 dB, then
ICPT increases to 18.65 dB. Although the above equation shows
the exact gain law as based on statistical data, a quick estimation
of signal levels can be made using the default slope of 20 dB/V
for a particular gain setting. For example, the change in gain for
a VGAIN change of 0.3 V is 6 dB using a slope of 20 dB/V and
5.91 dB using the exact slope of 19.6 dB/V. This is a difference
of only 0.09 dB.
GAIN CONTROL
The gain control interface provides a high impedance input
and is referenced to pin VCOM (in a single-supply application
to midsupply at [VPOS + VNEG]/2 for optimum swing).
When dual supplies are used, VCOM is connected to ground.
The voltage on Pin VCOM determines the midpoint of the gain
range. For a ground referenced design, the VGAIN range is from
−0.7 V to +0.7 V with the most linear-in-dB section of the gain
control between −0.6 V and +0.6 V. In the center 80% of the
VGAIN range, the gain error is typically less than ±0.2 dB. The
gain control voltage can be increased or decreased to the positive
or negative rails without gain foldover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com