Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices AD8337 Datasheet HTML 23Page - Analog Devices AD8337 Datasheet HTML 24Page - Analog Devices AD8337 Datasheet HTML 25Page - Analog Devices AD8337 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8337
Rev. A | Page 22 of 28
–600
–200
0
0
600
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
80
–60
0
–20
20
60
40
–40
200
OUTPUT
800
–800
70
80
–80
INPUT
CL = 0pF
CL = 10pF
CL = 22pF
NO SNUBBING RESISTOR
Figure 70. Pulse Response for Two Values of Output Capacitance
with ±2.5 V Supplies and No Snubbing Resistor
CL = 0pF
CL = 10pF
CL = 22pF
WITH 20
Ω SNUBBING RESISTOR
–600
–200
0
0
600
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
80
–60
0
–20
20
60
40
–40
200
INPUT
OUTPUT
800
–800
70
80
–80
Figure 71. Pulse Response for Two Values of Output Capacitance
with ±2.5 V Supplies and a 20 Ω Snubbing Resistor
CL = 0pF
CL= 10pF
CL = 22pF
WITH NO SNUBBING RESISTOR
–600
–200
0
0
600
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
80
–60
0
–20
20
60
40
–40
200
INPUT
OUTPUT
800
–800
70
–80
80
VS = ±5V
Figure 72. Large Signal Pulse Response for Two Values of Output
Capacitance with ±5 V Supplies and No Snubbing Resistor
CL = 0pF
CL = 10pF
CL = 22pF
WITH 20Ω SNUBBING RESISTOR
–600
–200
0
0
600
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
80
–60
0
–20
20
60
40
–40
200
INPUT
OUTPUT
800
–800
70
–80
80
VS = ±5V
Figure 73. Pulse Response for Two Values of Output Capacitance
with ±5 V Supplies and a 20 Ω Snubbing Resistor
The effects of stray output capacitance are mitigated with a
small value snubbing resistor, RSNUB, placed in series with and
as near as possible to the output pin. Figure 69, Figure 71, and
Figure 73 show the improvement in dynamic performance with
a 20 Ω snubbing resistor. RSNUB reduces the gain slightly by the
ratio of RLOAD ÷ (RSNUB + RLOAD), a very small loss when used with
high impedance loads such as A/D converters. For other loads,
alternate values of RSNUB can be determined empirically. All of the
data for the curves in the Typical Performance Characteristics
section of this data sheet were derived using a 20 Ω snubbing
resistor.
The best way to avoid the effects of stray capacitance is to
exercise care in PC board layout. Locate the passive compo-
nents or devices connected to the AD8337 output pins, as
close as possible to the package.
Although a nonissue, the preamplifier output is also sensitive
to load capacitance. However, the series connection of Resistor
RFB1 and Resistor RFB2 is typically the only load connected to
the preamplifier. If overshoot appears, it can be mitigated in the
same way as the VGA output, by inserting a snubbing resistor.
GAIN CONTROL CONSIDERATIONS
In typical applications, voltages applied to the GAIN input are dc
or relatively low frequency signals. The high input impedance of
the AD8337 enables several devices to be connected in parallel.
This is useful for arrays of VGAs, such as those used for calibra-
tion adjustments.
Under dc or slowly changing ramp conditions, the gain tracks
the gain control voltage as shown in Figure 3. However, it is
often necessary to consider other effects influenced by the
VGAIN input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com