Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8337 Datasheet HTML 8Page - Analog Devices AD8337 Datasheet HTML 9Page - Analog Devices AD8337 Datasheet HTML 10Page - Analog Devices AD8337 Datasheet HTML 11Page - Analog Devices AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8337
Rev. A | Page 12 of 28
70
TIME (ns)
–60
–20
20
0
80
40
–20
–40
–10
30
20
10
50
60
40
–6
0
–2
2
6
4
–4
0
INPUT
OUTPUT
–8
8
60
–80
VGAIN = 0.7V
Figure 33. Small Signal Pulse Response
See Figure 53
70
TIME (ns)
0
–20
–10
30
20
10
50
60
40
–60
–20
20
80
40
–40
–6
0
–2
2
6
4
–4
0
INPUT
OUTPUT
–8
8
60
–80
VGAIN = 0.7V
Figure 34. Small Signal Pulse Response—Inverting Feedback
See Figure 59
–600
–200
200
0
800
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
70
–60
0
–20
20
60
40
–40
0
–80
80
600
–800
VGAIN = 0.7V
INPUT
OUTPUT
Figure 35. Large Signal Pulse Response
See Figure 53
–600
–200
200
0
800
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
70
–60
0
–20
20
60
40
–40
0
–80
80
600
–800
VS = ±2.5V
VGAIN = 0.7V
CL = 0pF
CL = 10pF
CL = 22pF
CL = 47pF
INPUT
OUTPUT
Figure 36. Large Signal Pulse Response for Three Capacitive Loads
See Figure 53
–600
–200
200
0
800
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
–60
0
–20
20
60
40
–40
0
–80
80
600
–800
70
VS = ±5V
VGAIN = 0.7V
OUTPUT
INPUT
CL = 0pF
CL = 10pF
CL = 22pF
CL = 47pF
Figure 37. Large Signal Pulse Response for Three Capacitive Loads, VS = ±5 V
See Figure 53
0.8
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
–0.5
0
0.5
1.0
1.5
2.0
TIME (µs)
VOUT
VGAIN
Figure 38. Gain Response
See Figure 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com