Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8337 Datasheet HTML 10Page - Analog Devices AD8337 Datasheet HTML 11Page - Analog Devices AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8337
Rev. A | Page 14 of 28
TEST CIRCUITS
NETWORK ANALYZER
50Ω
IN
OUT
20Ω 453Ω
AD8337
100Ω
3
4
PRA
+
–
1
100Ω
56.2Ω
49.9Ω
5
7
50Ω
VGAIN
Figure 44. Gain and Gain Error vs. VGAIN
3
4
1
57
50Ω
50Ω
IN
NETWORK ANALYZER
OUT
20Ω
VGAIN
PRA
49.9Ω
AD8337
100Ω
+
–
100Ω
453Ω
OPTIONAL
POSITIONS FOR
CLOAD
Figure 45. Frequency Response
50Ω
50Ω
IN
NETWORK ANALYZER
OUT
PRA
3
4
1
5
AD8337
100Ω
100Ω
+
–
7
49.9Ω
20Ω 453Ω
NC
NC
453Ω
Figure 46. Frequency Response—Preamp
50Ω
50Ω
IN
NETWORK ANALYZER
OUT
PRA
3
4
1
5
7
AD8337
100Ω
100Ω
+
–
49.9Ω
56.2Ω
453Ω
20Ω
Figure 47. Group Delay
DIFFERENTIAL
FET PROBE
PRA
3
4
7
1
5
100Ω
100Ω
50Ω
50Ω
OUT
CH1
CH2
OSCILLOSCOPE
50Ω
453Ω
AD8337
+
–
50Ω
FUNCTION
GENERATOR
VGAIN
Figure 48. Offset Voltage
NC
NC
AD8337
50Ω
IN
NETWORK ANALYZER
CONFIGURE TO
MEASURE Z
CONVERTED S22
+
–
PRA
100Ω
3
4
1
5
0Ω
0Ω
100Ω
7
49.9Ω
Figure 49. Output Resistance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com