Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8337 Datasheet HTML 11Page - Analog Devices AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8337
Rev. A | Page 15 of 28
50Ω
IN
SPECTRUM ANALYZER
PRA
3
4
1
5
100Ω
49.9Ω
100Ω
7
AD8337
+
–
0Ω
0Ω
VGAIN
Figure 50. Input-Referred and Output-Referred Noise
NOISE FIGURE METER
AD8337
100Ω
5
3
4
PRA
+
–
1
100Ω
7
49.9Ω
(OR ∞)
INPUT
0Ω
0Ω
NOISE
SOURCE
DRIVE
NOISE
SOURCE
VGAIN
Figure 51. Noise Figure vs. VGAIN
SPECTRUM ANALYZER
AD8337
100Ω
5
3
4
PRA
+
–
1
100Ω
7
49.9Ω
INPUT
20Ω
LOW
PASS
FILTER
SIGNAL
GENERATOR
CLOAD
50Ω
RLOAD
VGAIN
Figure 52. Harmonic Distortion
OSCILLOSCOPE
CH2
50Ω
OUT
50Ω
CH1
PULSE
GENERATOR
20Ω 453Ω
56.2Ω
0.7V
POWER
SPLITTER
100Ω
AD8337
5
3
4
PRA
+
–
1
100Ω
7
49.9Ω
Figure 53. Pulse Response
OSCILLOSCOPE
AD8337
100Ω
5
3
4
PRA
+
–
1
100Ω
7
CH2
50Ω
DIFFERENTIAL
FET PROBE
50Ω
CH1
DUAL
FUNCTION
GENERATOR
VGAIN
20Ω 453Ω
NC
POWER
SPLITTER
SQUARE
WAVE
49.9Ω
SINE
WAVE
Figure 54. Gain Response
OSCILLOSCOPE
AD8337
100Ω
5
3
4
PRA
+
–
1
100Ω
7
CH2
50Ω
CH1
FUNCTION
GENERATOR
NC
OUTPUT
49.9Ω
100Ω
NC
Figure 55. Preamp Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com