Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices AD8337 Datasheet HTML 23Page - Analog Devices AD8337 Datasheet HTML 24Page - Analog Devices AD8337 Datasheet HTML 25Page - Analog Devices AD8337 Datasheet HTML 26Page - Analog Devices AD8337 Datasheet HTML 27Page - Analog Devices AD8337 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8337
Rev. A | Page 25 of 28
OUTLINE DIMENSIONS
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50
REF
0.50
0.40
0.30
2.75
BSC SQ
TOP
VIEW
12° MAX
0.70 MAX
0.65TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90 MAX
0.85 NOM
0.30
0.23
0.18
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.00
BSC SQ
5
8
EXPOSED PAD IS NOT CONNECTED INTERNALLY.
FOR INCREASED RELIABILITY OF THE SOLDER
JOINTS AND MAXIMUM THERMAL CAPABILITY IT
IS RECOMMENDED THAT THE PAD BE SOLDERED
TO THE GROUND PLANE.
Figure 79. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
3 mm x 3 mm Body, Very Thin, Dual Lead
(CP-8-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package Option
Branding
AD8337BCPZ-R21
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
HVB
AD8337BCPZ-REEL1
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
HVB
AD8337BCPZ-REEL71
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
HVB
AD8337BCPZ-WP1
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
HVB
AD8337-EVAL
Evaluation Board with Noninverting Gain Configuration
AD8337-EVAL-INV
Evaluation Board with Inverting Gain Configuration
AD8337-EVAL-SS
Evaluation Board with Single Supply Operation
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com