Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices AD8337 Datasheet HTML 23Page - Analog Devices AD8337 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8337
Rev. A | Page 20 of 28
NOISE
()
2
)
VGA
A
VGA
n
(e
2
)
VGA
A
Rfb2
n
(e
2
)
VGA
A
Rfb1
Rfb2
Rfb1
n
(e
2
)
S
R
PrA
n
(i
2
)
t
A
PrA
n
(e
2
t
A
S
R
out
n
e
×
−
+
×
−
+
×
×
−
+
×
−
+
×
−
+
×
=
−
(1)
The total input-referred voltage and current noise of the positive
input of the preamplifier is about 2.2 nV/√Hz and 4.8 pA/√Hz.
The VGA output referred noise is about 21 nV/√Hz at low gains.
This result is divided by the VGA fixed gain amplifier gain of 8×
and results in a voltage noise density of 2.6 nV/√Hz referred to
the VGA input. This value includes the noise of the VGA gain
setting resistors as well. If this voltage is again divided by the
preamp gain of 2, then the VGA noise referred all the way to the
preamp input is about 1.3 nV/√Hz. From this, we can determine
that the preamplifier, including the 100 Ω gain setting resistors,
contributes about 1.8 nV/√Hz. The two 100 Ω resistors
contribute 1.29 nV/√Hz each at the output of the preamp.
With the gain resistor noise subtracted, the preamplifier noise
is about 1.55 nV/√Hz.
Equation 1 shows the calculation that determines the output
referred noise at maximum gain (24 dB or 16×):
•
At = total gain from preamp input to VGA output;
•
RS = source resistance;
•
en − PrA = input-referred voltage noise of the preamp;
•
in − PrA = current noise of the preamp at the INPP pin;
•
en − Rfb1 = voltage noise of Rfb1; en-Rfb2 = voltage noise of Rfb2;
•
en − VGA = input-referred voltage noise of VGA (low gain,
output-referred noise divided by a fixed gain of 8×).
Assuming RS = 0, RFB1 = RFB2 = 100 Ω, At = 16, AVGA = 8, the noise
simplifies to
(
)(
) (
) =
×
+
×
+
×
=
−
2
2
2
8
9
.
1
8
29
.
1
2
16
75
.
1
out
n
e
Hz
/
nV
35
(2)
Dividing the result by 16 gives the total input-referred noise
with a short-circuited input as 2.2 nV/√Hz. When the
preamplifier is used in the inverting configuration with the
same RFB1 and RFB2 = 100 Ω as above, then en − out does not
change. However, because the gain dropped by 6 dB, the input-
referred noise increases by a factor of 2 to about 4.4 nV/√Hz.
The reason for this increase is that the noise gain to the output of
all the noise generators stays the same, yet the preamp in the
inverting configuration has a gain of (−1) compared to the (+2)
in the noninverting configuration; this increases the input
referred noise by 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com