Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices AD8337 Datasheet HTML 22Page - Analog Devices AD8337 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8337
Rev. A | Page 19 of 28
The gain scaling factor (gain slope) is designed for 20 dB/V; this
relatively low slope ensures that noise on the GAIN input is not
unduly amplified. Since a VGA functions as a multiplier, it is
important to make sure that the GAIN input does not inadver-
tently modulate the output signal with unwanted noise on the
gain control pin. Because of its high input impedance, a simple
low-pass filter can be added to the GAIN input to filter
unwanted noise.
OUTPUT STAGE
The output stage is a Class AB, voltage-feedback, complemen-
tary, emitter-follower with a fixed gain of 18 dB, similar to the
preamplifier in speed and bandwidth. Because of the ac-beta
roll-off of the output devices and the inherent reduction in
feedback beyond the −3 dB bandwidth, the impedance looking
into the output pin of the preamp and output stages appears to be
inductive (increasing impedance with increasing frequency).
The high speed output amplifier used in the AD8337 can drive
large currents, but its stability is susceptible to capacitive
loading. A small series resistor mitigates the effects of
capacitive loading (see the Applications section).
ATTENUATOR
The input resistance of the VGA attenuator is nominally 265 Ω.
Assuming the default preamplifier feedback network RFB1 + RFB2
is 200 Ω, the effective preamplifier load is about 114 Ω. The
attenuator is composed of eight 3.01 dB sections for a total
attenuation range of −24.08 dB. Following the attenuator is a
fixed gain amplifier with 8× (18.06 dB) gain. Because of this
relatively low gain, the output offset is kept well below 20 mV
over temperature; the offset is largest at maximum gain when
the preamplifier offset is amplified. The VCOM pin defines the
common-mode reference for the output as seen in Figure 65.
SINGLE-SUPPLY OPERATION AND AC COUPLING
If the AD8337 is to be operated from a single 5 V supply,
the bias supply for VCOM must be a very low impedance
2.5 V reference, especially if dc coupling is used. If the device
is dc-coupled, the VCOM source must be able to handle the
preamplifier and VGA dynamic load currents in addition to
the bias currents.
When ac coupling the preamplifier input, a bias network and
bypass capacitor must be connected to the opposite polarity
input pin. The bias generator for Pin VCOM must provide the
dynamic current to the preamplifier feedback network and the
VGA attenuator. For many single 5 V applications, a reference
such as the ADR43 and a good op amp provide an adequate
VCOM source if a 2.5 V supply is unavailable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com