Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8337 Datasheet HTML 5Page - Analog Devices AD8337 Datasheet HTML 6Page - Analog Devices AD8337 Datasheet HTML 7Page - Analog Devices AD8337 Datasheet HTML 8Page - Analog Devices AD8337 Datasheet HTML 9Page - Analog Devices AD8337 Datasheet HTML 10Page - Analog Devices AD8337 Datasheet HTML 11Page - Analog Devices AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8337
Rev. A | Page 9 of 28
10
–10
–800
800
VGAIN (mV)
VS = ±5V
VS = ±2.5V
+85°C
+25°C
–40°C
–8
–6
–4
–2
0
2
4
6
8
–600
–400
–200
0
200
400
600
Figure 15. Offset Voltage vs. VGAIN at Three Temperatures
See Figure 48
OUTPUT OFFSET VOLTAGE (mV)
0
80
40
20
30
10
70
50
60
500 UNITS
VGAIN = –0.4V
VGAIN =0V
VGAIN = +0.4V
–15
–10
–5
0
5
10
15
20
25
Figure 16. Output Offset Voltage Histogram for Three Values of VGAIN
1k
0.1
1M
500M
FREQUENCY (Hz)
1
100
10
100M
10M
VS = ±2.5V
VS = ±5V
Figure 17. VGA Output Impedance vs. Frequency
See Figure 49
40
15
–800
800
VGAIN (mV)
25
0
20
30
–600
–200
–400
400
600
200
35
+85°C
+25°C
–40°C
Figure 18. Output-Referred Noise vs. VGAIN at Three Temperatures
See Figure 50
25
0
–800
800
VGAIN (mV)
10
0
5
15
–600
–200
–400
400
600
200
20
+85°C
+25°C
–40°C
Figure 19. Short-Circuit, Input-Referred Noise at Three Temperatures
See Figure 50
7
0
100k
100M
FREQUENCY (Hz)
2
3
5
6
4
1M
10M
1
PREAMP GAIN = +2
PREAMP GAIN = –1
VGAIN = 0.7V
RFB1 = RFB2 = 100Ω
Figure 20. Short-Circuit, Input-Referred Noise vs. Frequency at Max Gain—
Inverting and Noninverting Preamp Gain = −1 and +2
See Figure 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com