Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices AD8337 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8337
Rev. A | Page 17 of 28
SPECTRUM ANALYZER
AD8337
100Ω
5
3
4
PRA
1
100Ω
7
0.7V
IN
50Ω
+
–
Figure 62. Short-Circuit Input Noise vs. Frequency
NETWORK ANALYZER
POWER SWEEP
AD8337
5
3
4
PRA
1
7
50Ω
IN
OUT
453Ω
50Ω
22dB
VGAIN
+
–
100Ω
20Ω
49.9Ω
100Ω
Figure 63. IP1dB vs. VGAIN
SPECTRUM ANALYZER
AD8337
100Ω
5
3
4
PRA
+
–
1
100Ω
7
49.9Ω
INPUT
20Ω
453Ω
50Ω
SIGNAL
GENERATOR
SIGNAL
GENERATOR
COMBINER
–6dB
VGAIN
+22dB
–6dB
+22dB
–6dB
–6dB
Figure 64. IMD and OIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com