Electronic Components Datasheet Search
  English  ▼

X  

AD8337 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8337 Datasheet HTML 7Page - Analog Devices AD8337 Datasheet HTML 8Page - Analog Devices AD8337 Datasheet HTML 9Page - Analog Devices AD8337 Datasheet HTML 10Page - Analog Devices AD8337 Datasheet HTML 11Page - Analog Devices AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8337
Rev. A | Page 11 of 28
–30
200
–50
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
–60
–80
–70
–40
–90
LIMITED BY
MAXIMUM PREAMP
OUTPUT SWING
VOUT = 2V p-p
VOUT = 1V p-p
VOUT = 0.5V p-p
Figure 27. HD2 vs. VGAIN for Three Levels of Output Voltage
See Figure 52
–30
200
–50
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
–60
–80
–70
–40
–90
VOUT = 2V p-p
VOUT = 1V p-p
VOUT = 0.5V p-p
LIMITED BY
MAXIMUM PREAMP
OUTPUT SWING
Figure 28. HD3 vs. VGAIN for Three Levels of Output Voltage
See Figure 52
–20
10M
–30
1M
–60
–80
–70
100M
FREQUENCY (Hz)
VS = ±2.5V
VS = ±5V
VOUT = 1V p-p
VGAIN = 0V
TONES SEPARATED BY 100kHz
–40
–50
Figure 29. IMD3 vs. Frequency
See Figure 64
50
200
40
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
30
10
20
0
VOUT = 1V p-p
VGAIN = 0V
TONES SEPARATED BY 100kHz
1MHz
10MHz
45MHz
70MHz
100MHz
Figure 30. Output-Referred IP3 (OIP3) vs. VGAIN
at Five Frequencies
See Figure 64
50
200
40
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
30
10
20
0
VS = ±5V
VOUT = 1V p-p
VGAIN = 0V
TONES SEPARATED BY 100kHz
1MHz
10MHz
45MHz
70MHz
100MHz
Figure 31. Output-Referred IP3 (OIP3) vs. VGAIN, VS = ±5 V
at Five Frequencies
See Figure 64
20
200
15
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
10
–10
5
–15
0
–5
PREAMP LIMITED
VS = ±2.5V
VS = ±5V
Figure 32. Input P1dB (IP1dB) vs. VGAIN
See Figure 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com