Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 31Page - Texas Instruments ADS5546 Datasheet HTML 32Page - Texas Instruments ADS5546 Datasheet HTML 33Page - Texas Instruments ADS5546 Datasheet HTML 34Page - Texas Instruments ADS5546 Datasheet HTML 35Page - Texas Instruments ADS5546 Datasheet HTML 36Page - Texas Instruments ADS5546 Datasheet HTML 37Page - Texas Instruments ADS5546 Datasheet HTML 38Page - Texas Instruments ADS5546 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
www.ti.com
Clock Input
S0166-01
CLKP
VCM
5kW
5kW
CLKM
VCM
ADS5546
CLKP
CLKM
DifferentialSine-Wave
orPECL orLVDS
ClockInput
ADS5546
0.1 F
m
0.1 F
m
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
ADS5546 clock inputs can be driven differentially (SINE, LVPECL or LVDS) or single-ended (LVCMOS), with
little or no difference in performance between configurations. The common-mode voltage of the clock inputs is
set to VCM using internal 5-k
Ω resistors as shown in Figure 48. This allows the use of transformer-coupled drive
circuits for sine wave clock, or ac-coupling for LVPECL, LVDS clock sources (Figure 49 and Figure 50)
Figure 48. Internal Clock Buffer
For best performance, it is recommended to drive the clock inputs differentially, reducing susceptibility to
common-mode noise. In this case, it is best to connect both clock inputs to the differential input clock signal with
0.1-
µF capacitors, as shown in Figure 49.
Figure 49. Differential Clock Driving Circuit
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com