Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 36Page - Texas Instruments ADS5546 Datasheet HTML 37Page - Texas Instruments ADS5546 Datasheet HTML 38Page - Texas Instruments ADS5546 Datasheet HTML 39Page - Texas Instruments ADS5546 Datasheet HTML 40Page - Texas Instruments ADS5546 Datasheet HTML 41Page - Texas Instruments ADS5546 Datasheet HTML 42Page - Texas Instruments ADS5546 Datasheet HTML 43Page - Texas Instruments ADS5546 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
www.ti.com
T0110-01
CLKOUTP
D0_D1_P,
D0_D1_M
D2_D3_P,
D2_D3_M
D4_D5_P,
D4_D5_M
D6_D7_P,
D6_D7_M
D8_D9_P,
D8_D9_M
D10_D11_P,
D10_D11_M
D12_D13_P,
D12_D13_M
D0
D2
D4
D6
D8
D10
D12
SampleN+1
SampleN
D0
D2
D4
D6
D8
D10
D12
D1
D3
D5
D7
D9
D11
D13
D1
D3
D5
D7
D9
D11
D13
CLKOUTM
LVDS Buffer Current Programmability
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
Even data bits D0, D2, D4, D6, D8, D10, and D12 are output at the falling edge of CLKOUTP and the odd data
bits D1, D3, D5, D7, D9, D11, and D13 are output at the rising edge of CLKOUTP. Both the rising and falling
edges of CLKOUTP have to be used to capture all the 14 data bits (see Figure 52).
Figure 52. DDR LVDS Interface
The default LVDS buffer output current is 3.5 mA. When terminated by 100
Ω, this results in a 350-mV
single-ended voltage swing (700-mVPP differential swing). The LVDS buffer currents can also be programmed to
2.5 mA, 4.5 mA, and 1.75 mA using the serial interface. In addition, there exists a current double mode, where
this current is doubled for the data and output clock buffers.
40
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com