Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5546 Datasheet HTML 1Page - Texas Instruments ADS5546 Datasheet HTML 2Page - Texas Instruments ADS5546 Datasheet HTML 3Page - Texas Instruments ADS5546 Datasheet HTML 4Page - Texas Instruments ADS5546 Datasheet HTML 5Page - Texas Instruments ADS5546 Datasheet HTML 6Page - Texas Instruments ADS5546 Datasheet HTML 7Page - Texas Instruments ADS5546 Datasheet HTML 8Page - Texas Instruments ADS5546 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V, sampling rate = 190 MSPS, sine wave input clock, 1.5 V
PP differential clock amplitude, 50% clock
duty cycle, –1 dBFS differential analog input, internal reference mode, 0dB gain, DDR LVDS data output (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC CHARACTERISTICS
FIN = 10 MHz
73.8
FIN = 40 MHz
73.6
FIN = 70 MHz
71.5
73.5
FIN = 100 MHz
73
SNR
Signal to noise ratio
FIN = 150 MHz
72.2
dBFS
0 dB gain, 2 VPP FS(1)
71
FIN = 225 MHz
3 dB gain, 1.4 VPP FS
69.8
0 dB gain, 2 VPP FS
70
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
69
RMS output noise
Inputs tied to common-mode
1.1
LSB
FIN = 10 MHz
90
FIN = 40 MHz
89
FIN = 70 MHz
77
87
FIN = 100 MHz
84
SFDR
Spurious free dynamic range
FIN = 150 MHz
84
dBc
0 dB gain, 2 VPP FS
75
FIN = 225 MHz
3 dB gain, 1.4 VPP FS
78
0 dB gain, 2 VPP FS
72
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
75
FIN = 10 MHz
73.5
FIN = 40 MHz
73.1
FIN = 70 MHz
71
72.8
FIN = 100 MHz
72.1
SINAD
Signal to noise and distortion ratio
FIN = 150 MHz
71.8
dBFS
0 dB gain, 2 VPP FS
69
FIN = 225 MHz
3 dB gain, 1.4 VPP FS
68.5
0 dB gain, 2 VPP FS
67.8
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
67.5
FIN = 10 MHz
92
FIN = 40 MHz
91
FIN = 70 MHz
77
90
FIN = 100 MHz
89
HD2
Second harmonic
FIN = 150 MHz
87
dBc
0 dB gain, 2 VPP FS
76
FIN = 225 MHz
3 dB gain, 1.4 VPP FS
79
0 dB gain, 2 VPP FS
73
FIN = 300 MHz
3 dB gain, 1.4 VPP FS
75
(1)
FS = Full scale range
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com