Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 13Page - Texas Instruments ADS5546 Datasheet HTML 14Page - Texas Instruments ADS5546 Datasheet HTML 15Page - Texas Instruments ADS5546 Datasheet HTML 16Page - Texas Instruments ADS5546 Datasheet HTML 17Page - Texas Instruments ADS5546 Datasheet HTML 18Page - Texas Instruments ADS5546 Datasheet HTML 19Page - Texas Instruments ADS5546 Datasheet HTML 20Page - Texas Instruments ADS5546 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
www.ti.com
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
Table 8. Serial Interface Register Map (continued)
REGISTER ADDRESS
REGISTER DATA
DESCRIPTION
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
<GAIN> Gain programming - Channel gain can be programmed from 0 to 6 dB for SFDR/SNR trade-off. For each gain setting, the
input full-scale range has to be proportionally scaled. For 6 dB gain, the full-scale range will be 1 VPP compared to 2 VPP at 0 dB
gain.
0
1
1
0
1
0
0
0
0
0
0
0
1
0
0
0
0 dB (Default after reset)
0
1
1
0
1
0
0
0
0
0
0
0
1
0
0
1
1 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
0
1
0
2 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
0
1
1
3 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
1
0
0
4 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
1
0
1
5 dB
0
1
1
0
1
0
0
0
0
0
0
0
1
1
1
0
6 dB
<LVDS CURRENT> – LVDS Output data and clock buffers nominal current programmability
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
3.5 mA (Default after reset)
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
2.5 mA
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
0
4.5 mA
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
1
1.75 mA
<CURRENT DOUBLE> – The output data and clock buffer currents are doubled from the value selected by the <LVDS CURRENT>
register.
value specified by <LVDS CURRENT>
0
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
(Default after reset)
0
1
1
1
1
1
1
1
0
1
0
0
0
0
0
0
2x data, 2x clock currents
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
1x data, 2x clock currents
0
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
2x data, 4x clock currents
<DATA TERM> Internal termination - Option to terminate the LVDS DATA buffers inside the ADC to improve signal integrity. By
default, internal termination is disabled.
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
No termination (Default after reset)
0
1
1
1
1
1
1
0
0
0
1
0
0
0
0
0
325
Ω
0
1
1
1
1
1
1
0
0
1
0
0
0
0
0
0
200
Ω
0
1
1
1
1
1
1
0
0
1
1
0
0
0
0
0
125
Ω
0
1
1
1
1
1
1
0
1
0
0
0
0
0
0
0
170
Ω
0
1
1
1
1
1
1
0
1
0
1
0
0
0
0
0
120
Ω
0
1
1
1
1
1
1
0
1
1
0
0
0
0
0
0
100
Ω
0
1
1
1
1
1
1
0
1
1
1
0
0
0
0
0
75
Ω
<CLK TERM> Internal termination - Option to terminate the LVDS CLK buffers inside the ADC to improve signal integrity. By
default, internal termination is disabled.
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
No termination (Default after reset)
0
1
1
1
1
1
1
0
0
0
0
0
0
1
0
0
325
Ω
0
1
1
1
1
1
1
0
0
0
0
0
1
0
0
0
200
Ω
0
1
1
1
1
1
1
0
0
0
0
0
1
1
0
0
125
Ω
0
1
1
1
1
1
1
0
0
0
0
1
0
0
0
0
170
Ω
0
1
1
1
1
1
1
0
0
0
0
1
0
1
0
0
120
Ω
0
1
1
1
1
1
1
0
0
0
0
1
1
0
0
0
100
Ω
0
1
1
1
1
1
1
0
0
0
0
1
1
1
0
0
75
Ω
<CLKOUT POSN CMOS> – Output clock rising edge programmability in CMOS mode (1)
0
1
1
0
0
0
1
0
0
0
0
0
0
0
0
1
Default position
0
1
1
0
0
0
1
0
0
0
0
0
0
0
1
1
CLKOUT rising edge later by (1/12)Ts
0
1
1
0
0
0
1
0
0
0
0
0
0
1
0
1
CLKOUT rising edge later by (3/12)Ts
0
1
1
0
0
0
1
0
0
0
0
0
0
1
1
1
CLKOUT rising edge later by (2/12)Ts
(1)
Ts = 1/Sampling Frequency
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com