Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 28Page - Texas Instruments ADS5546 Datasheet HTML 29Page - Texas Instruments ADS5546 Datasheet HTML 30Page - Texas Instruments ADS5546 Datasheet HTML 31Page - Texas Instruments ADS5546 Datasheet HTML 32Page - Texas Instruments ADS5546 Datasheet HTML 33Page - Texas Instruments ADS5546 Datasheet HTML 34Page - Texas Instruments ADS5546 Datasheet HTML 35Page - Texas Instruments ADS5546 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
www.ti.com
TC4-1W
TC4-1W
1:2
2:1
0.1 F
m
INP
INM
VCM
ADS5546
50 W
50 W
0.1 F
m
12nH
(Note A)
5 W
5 W
S11,ZI
12nH
(Note A)
-10
-8
-2
0
f − Frequency − MHz
TransferFunction − Sourceto ADCOutput
(IncludingtheTransformer)
0
500
2
-6
50
250
350
450
-4
-25
-20
-5
f − Frequency − MHz
S11
0
1000
0
-15
100
500
700
900
-10
100 150 200
300
400
200 300 400
600
800
Frequency =200MHz
S(1,1)=0.09/50.92
Impedance=55.57+j8.03
Frequency (100kHzto500MHz)
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
A.
Includes transformer leakage inductances.
Figure 45. Configuration for Higher Input Frequencies
Figure 46. S11, Input Impedance and Transfer Function for the Configuration in Figure 45
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com