Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5546 Datasheet HTML 1Page - Texas Instruments ADS5546 Datasheet HTML 2Page - Texas Instruments ADS5546 Datasheet HTML 3Page - Texas Instruments ADS5546 Datasheet HTML 4Page - Texas Instruments ADS5546 Datasheet HTML 5Page - Texas Instruments ADS5546 Datasheet HTML 6Page - Texas Instruments ADS5546 Datasheet HTML 7Page - Texas Instruments ADS5546 Datasheet HTML 8Page - Texas Instruments ADS5546 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V, sampling rate = 190 MSPS, sine wave input clock, 1.5 V
PP differential clock amplitude, 50% clock
duty cycle, –1 dBFS differential analog input, internal reference mode, 0dB gain, DDR LVDS data output (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
14
bits
ANALOG INPUT
Differential input voltage range
2
VPP
Differential input capacitance
7
pF
Analog input bandwidth
–3 dB, source impedance 50
Ω
500
MHz
Analog input common mode current
310
µA
(per input pin)
REFERENCE VOLTAGES
V(REFB)
Internal reference bottom voltage
Internal reference mode
0.5
V
V(REFT)
Internal reference top voltage
Internal reference mode
2.5
V
VCM
Common mode output voltage
Internal reference mode
1.5
V
VCM output current capability
Internal reference mode
±4
mA
DC ACCURACY
No Missing Codes
Specified
DNL
Differential non-linearity
–0.9
0.5
2.5
LSB
INL
Integral non-linearity
–5
± 3
5
LSB
Offset error
5
mV
Offset temperature coefficient
0.002
ppm/
°C
Gain error
±1
%FS
Gain temperature coefficient
0.01
∆%/°C
PSRR
DC Power supply rejection ratio
0.6
mV/V
POWER SUPPLY
I(AVDD)
Analog supply current
291
mA
LVDS mode, IO = 3.5 mA,
51
mA
RL = 100 Ω, CL = 5 pF
I(DRVDD)
Digital supply current
CMOS mode, FIN = 2.5 MHz,
43
mA
CL = 5 pF
ICC
Total supply current
LVDS mode
342
mA
Total power dissipation
LVDS mode
1.13
1.29
W
In STANDBY mode with clock
Standby power
100
150
mW
running
Clock stop power
With input clock stopped
100
150
mW
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com