Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 19Page - Texas Instruments ADS5546 Datasheet HTML 20Page - Texas Instruments ADS5546 Datasheet HTML 21Page - Texas Instruments ADS5546 Datasheet HTML 22Page - Texas Instruments ADS5546 Datasheet HTML 23Page - Texas Instruments ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments ADS5546 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
SFDR=91.4dBc,
SNR=74.2dBFS,
SINAD=74dBFS
90
0
80
50
10
40
30
20
70
60
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
SFDR=89.2dBc,
SNR=74dBFS,
SINAD=73.7dBFS
90
0
80
50
10
40
30
20
70
60
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
SFDR=87.8dBc,
SNR=73.7dBFS,
SINAD=73.3dBFS
-140
0
-20
-40
-60
-80
-100
-120
SFDR=86.9dBc,
SNR=73.2dBFS,
SINAD=72.8dBFS
0
90
80
50
10
40
30
20
70
60
f
Frequency
MHz
-
-
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
SFDR=86.5dBc,
SNR=72.8dBFS,
SINAD=72.3dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
SFDR=85.2dBc,
SNR=72.4dBFS,
SINAD=71.9dBFS
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 190 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
FFT for 10 MHz INPUT SIGNAL
FFT for 40 MHz INPUT SIGNAL
Figure 9.
Figure 10.
FFT for 70 MHz INPUT SIGNAL
FFT for 100 MHz INPUT SIGNAL
Figure 11.
Figure 12.
FFT for 130 MHz INPUT SIGNAL
FFT for 150 MHz INPUT SIGNAL
Figure 13.
Figure 14.
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com