Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 23Page - Texas Instruments ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments ADS5546 Datasheet HTML 27Page - Texas Instruments ADS5546 Datasheet HTML 28Page - Texas Instruments ADS5546 Datasheet HTML 29Page - Texas Instruments ADS5546 Datasheet HTML 30Page - Texas Instruments ADS5546 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
www.ti.com
74
75
76
77
78
79
80
81
82
83
84
0.34
0.64
0.94
1.24
1.54
1.84
2.14
2.44
2.74
Clock Amplitude-VPP
70
71
72
73
74
75
SNR
f
=150MHz
SineWaveInputClock
IN
SFDR
InputClockDutyCycle − %
80
82
84
86
88
90
30
35
40
45
50
55
60
73.5
74.0
73.0
74.5
75.0
75.5
SFDR
F
=10MHz
IN
SNR
65
VoltageForcedontheCMPin − V
80
82
84
86
88
90
1.4
1.45
1.5
1.55
1.6
72
73
71
74
75
76
SFDR
SNR
OutputCode
0
5
10
15
20
25
30
35
f-Frequencyof ACCommon-ModeVoltage-MHz
-70
-65
-60
-45
-40
-35
0
20
40
60
80
100
-55
-50
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 190 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
PERFORMANCE vs CLOCK AMPLITUDE
PERFORMANCE vs INPUT CLOCK DUTY CYCLE
Figure 33.
Figure 34.
OUTPUT NOISE HISTOGRAM WITH
INPUTS SHORTED TO COMMON-MODE
PERFORMANCE IN EXTERNAL REFERENCE MODE
Figure 35.
Figure 36.
COMMON-MODE REJECTION RATIO vs FREQUENCY
Figure 37.
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com