Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 20Page - Texas Instruments ADS5546 Datasheet HTML 21Page - Texas Instruments ADS5546 Datasheet HTML 22Page - Texas Instruments ADS5546 Datasheet HTML 23Page - Texas Instruments ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments ADS5546 Datasheet HTML 27Page - Texas Instruments ADS5546 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
www.ti.com
-140
0
-20
-40
-60
-80
-100
-120
SFDR=74dBc,
SNR=71dBFS,
SINAD=69.9dBFS
90
0
80
50
10
40
30
20
70
60
f
Frequency
MHz
-
-
-140
0
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
SFDR=77.2dBc,
SNR=71.7dBFS,
SINAD=69.4dBFS
f
Frequency
MHz
-
-
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
SFDR=65.6dBc,
SNR=68.7dBFS,
SINAD=62.3dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
SFDR=72.1dBc,
SNR=70.1dBFS,
SINAD=66.3dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
SFDR=59dBc,
SNR=66dBFS,
SINAD=56.3dBFS
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
F
=50.09MHz,-7dBFS,
2-ToneIMD,95dBFS
IN1
F
=46.09MHz,-7dBFS,
IN2
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 190 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
FFT for 200 MHz INPUT SIGNAL
FFT for 225 MHz INPUT SIGNAL
Figure 15.
Figure 16.
FFT for 300 MHz INPUT SIGNAL
FFT for 375 MHz INPUT SIGNAL
Figure 17.
Figure 18.
FFT for 500 MHz INPUT SIGNAL
INTERMODULATION DISTORTION (IMD) vs FREQUENCY
Figure 19.
Figure 20.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com