Electronic Components Datasheet Search
  English  ▼

X  

ADS5546 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5546
Description  14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5546 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5546 Datasheet HTML 21Page - Texas Instruments ADS5546 Datasheet HTML 22Page - Texas Instruments ADS5546 Datasheet HTML 23Page - Texas Instruments ADS5546 Datasheet HTML 24Page - Texas Instruments ADS5546 Datasheet HTML 25Page - Texas Instruments ADS5546 Datasheet HTML 26Page - Texas Instruments ADS5546 Datasheet HTML 27Page - Texas Instruments ADS5546 Datasheet HTML 28Page - Texas Instruments ADS5546 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
www.ti.com
-140
0
-20
-40
-60
-80
-100
-120
90
0
80
50
10
40
30
20
70
60
F
=135.08MHz,-7dBFS,
2-ToneIMD,89dBFS
IN1
F
=130.08MHz,-7dBFS,
IN2
f
Frequency
MHz
-
-
62
58
90
f
InputFrequency
MHz
IN -
-
500
86
82
78
74
70
66
0
400
250
50
200
150
100
350
300
450
94
f
− InputFrequency − MHz
IN
59
60
61
62
63
64
65
66
67
68
69
70
71
72
0
50
100 150 200 250 300 350 400 450 500
CMOSMode
66
65
75
f
InputFrequency
MHz
IN -
-
500
74
73
72
71
70
67
0
400
250
50
200
150
100
350
300
450
69
68
LVDSMode
f
− InputFrequency − MHz
IN
67
68
69
70
71
72
73
74
75
10
30
50
70
90 110 130 150 170
210 230
190
0dB
1dB
3dB
4dB
5dB
6dB
2dB
f
− InputFrequency − MHz
IN
91
92
93
95
10
30
50
70
90 110 130 150 170
210 230
190
87
88
89
90
83
84
85
86
79
80
81
82
94
3dB
0dB
Input Adjustedto-1dBFS
forEachGainSetting
2dB
1dB
5dB
6dB
4dB
ADS5546
SLWS183C – NOVEMBER 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 190 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
INTERMODULATION DISTORTION (IMD) vs FREQUENCY
SFDR vs INPUT FREQUENCY
Figure 21.
Figure 22.
SNR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 23.
Figure 24.
SFDR vs GAIN
SNR vs GAIN
Figure 25.
Figure 26.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com