Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 29Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 30Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 31Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 32Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 33Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 34Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 35Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 36Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
33
Table 18: AL103 EEPROM Mapping
EEPROM PHYSICAL
ADDRESS
DESCRIPTION
00-01
System Configuration I
02-03
System Configuration II
04-05
System Configuration III
06-07
Reserved (Value must be 0000 0001 0100)
08-09
Reserved
0A-0B
Vendor Specific PHY
0C-0D
Port Monitoring Configuration
0E-0F
Reserved
10-11
Reserved
12-13
Reserved
14-15
Reserved
16-17
Reserved
18-19
Reserved
1A-1B
Port 0 Configuration I
1C-1D
Port 0 Configuration II
1E-1F
Port 1 Configuration I
20-21
Port 1 Configuration II
22-23
Port 2 Configuration I
24-25
Port 2 Configuration II
26-27
Port 3 Configuration I
28-29
Port 3 Configuration II
2A-2B
Port 4 Configuration I
2C-2D
Port 4 Configuration II
2E-2F
Port 5 Configuration I
30-31
Port 5 Configuration II
32-33
Port 6 Configuration I
34-35
Port 6 Configuration II
36-37
Port 7 Configuration I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com