Electronic Components Datasheet Search
  English  ▼

X  

AL103 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AL103
Description  8 PORT LOW COST 10/100 SWITCH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL103 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AL103 Datasheet HTML 35Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 36Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 37Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 38Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 39Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 40Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 41Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 42Page - List of Unclassifed Manufacturers AL103 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
AL103 Revision 1.0
9/00
Reference Only / Allayer Communications
39
System Configuration Register I (Register 00)
System Configuration Registers 01 ~ 03 are global system configuration registers. Any options
selected in these registers affects the overall system operation.
Table 20: System Configuration Register I (Register 00)
BIT
NAME
DESCRIPTION
15
OutQMgmt
Output Queue Management Method.
0: Output queue is not limited until the frame buffer is full.
1: Output queue is limited to the output queue watermark specified in
register 00 bits [7:6].
14
FloodCtl
Flood Control. Control for the forwarding of unicast frames with
unknown destination received from the non-uplink ports.
0: Enable. Frames received with unknown unicast destination MAC
address will be forwarded to all the ports (excluding the receiving port)
within the VLANs specified at the receiving port.
1: Disable. Frames received with unknown unicast destination MAC
address will be forwarded to the uplink port specified for the receiving
port.
13
SecMgmt
Security Enforcement.
0: Auto security off. The security violation at a secured port will not
change its port state.
1: Auto security on. The security violation at a secured port will cause
the port into DISABLE state.
12
AgeEn
Switch Table Entry Aging Control.
0: Disable. The table aging process will be stopped.
1: Enable. The table aging process will be running to age every
dynamically learned table entry.
11~10
Reserved
Reserved (Must set to 0000).
9
PInMon
Port Incoming Frame Flow Monitoring Enable Control.
0: Disable
1: Enable
8
POutMon
Port Outgoing Frame Flow Monitoring Enable Control.
0: Disable
1: Enable
7~6
OutQWM
Output Queue Watermark. Watermark selection for output queues
and multicast queue full conditions.
16 Mbit/s SGRAM
00:128; 01:512; 10:768; 11:Test Mode.
8 Mbit/s SGRAM
00:64; 01:256; 10:384; 11:Test Mode.
5~4
Reserved
Set value to 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com